Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 12 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 12 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 8Page - Analog Devices AD12401/KIT Datasheet HTML 9Page - Analog Devices AD12401/KIT Datasheet HTML 10Page - Analog Devices AD12401/KIT Datasheet HTML 11Page - Analog Devices AD12401/KIT Datasheet HTML 12Page - Analog Devices AD12401/KIT Datasheet HTML 13Page - Analog Devices AD12401/KIT Datasheet HTML 14Page - Analog Devices AD12401/KIT Datasheet HTML 15Page - Analog Devices AD12401/KIT Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD12401
Rev. A | Page 12 of 28
Pin No.
Mnemonic
Description
69
DA3
Channel A Data Bit 3. Complement output bit.
70
DA2
Channel A Data Bit 2. Complement output bit.
71
DA3
Channel A Data Bit 3. True output bit.
72
DA2
Channel A Data Bit 2. True output bit.
73
DA1
Channel A Data Bit 1. Complement output bit.
74
DA0
Channel A Data Bit 0. Complement output bit. DA0 is LSB.
75
DA1
Channel A Data Bit 1. True output bit.
76
DA0
Channel A Data Bit 0. True output bit. DA0 is LSB.
77
DR_EN
Data Ready Enable, Typically DNC. See the DR_EN section.
78
DRA
Channel A Data Ready. Complement output.
80
DRA
Channel A Data Ready. True output.
103
H/L GAIN
Gain Select Pin. Ground for low gain mode (KWS); pull up to 3.3 V for high gain mode (JWS).
81 to 95, 109 to 112,
129 to 1321
AGND
Analog Ground.
113 to 120
VA
Analog Supply, 3.7 V.
121 to 1281
DGND
Digital Ground.
1 Internal ground plane connections: Section A = DGND, Pin 121 to Pin 124; Section B = DGND, Pin 125 to Pin 128; Section C = AGND, Pin 129 to Pin 132.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com