Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 16 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 16 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 12Page - Analog Devices AD12401/KIT Datasheet HTML 13Page - Analog Devices AD12401/KIT Datasheet HTML 14Page - Analog Devices AD12401/KIT Datasheet HTML 15Page - Analog Devices AD12401/KIT Datasheet HTML 16Page - Analog Devices AD12401/KIT Datasheet HTML 17Page - Analog Devices AD12401/KIT Datasheet HTML 18Page - Analog Devices AD12401/KIT Datasheet HTML 19Page - Analog Devices AD12401/KIT Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD12401
Rev. A | Page 16 of 28
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
12
Figure 12. Two-Tone Intermodulation Distortion
(172.1 MHz and 175.1 MHz; fS = 400 MSPS), SFDR = 70 dBc;
X = Image Spur, N = Interleaved Offset Spur
FREQUENCY (MHz)
–0.4
–0.5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
10.7
35.0
59.3
83.6
108
132
157
181
205
229
Figure 13. Interleaved Gain Flatness
ANALOG INPUT LEVEL (dB)
60
95
90
85
80
75
70
65
100
0
50
40
30
20
10
70
60
THIRD HARMONIC
SECOND HARMONIC
IMAGE SPUR
Figure 14. Second/Third Harmonics and Image Spur vs. Analog Input Level;
fS = 400 MSPS, AIN = 70 MHz
ANALOG INPUT FREQUENCY (MHz)
60
65
70
75
80
85
90
95
0
20
40
60
80
100
120
140
160
180
SECOND HARMONIC
THIRD HARMONIC
IMAGE SPUR
Figure 15. Harmonics vs. Analog Input Frequency
64.5
64.0
63.5
63.0
62.5
62.0
61.5
61.0
60.5
60.0
59.5
200
150
100
50
0
ANALOG INPUT FREQUENCY (MHz)
Figure 16. SNR vs. Analog Input Frequency
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
80
60
40
20
0
INPUT FREQUENCY (MHz)
180
160
140
120
100
200
Figure 17. VD Supply Current vs. AIN Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com