Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 22 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 22 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 18Page - Analog Devices AD12401/KIT Datasheet HTML 19Page - Analog Devices AD12401/KIT Datasheet HTML 20Page - Analog Devices AD12401/KIT Datasheet HTML 21Page - Analog Devices AD12401/KIT Datasheet HTML 22Page - Analog Devices AD12401/KIT Datasheet HTML 23Page - Analog Devices AD12401/KIT Datasheet HTML 24Page - Analog Devices AD12401/KIT Datasheet HTML 25Page - Analog Devices AD12401/KIT Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD12401
Rev. A | Page 22 of 28
Table 12. Evaluation Board Bill of Materials (BOM)
Item No.
Qty.
Ref-Des
Device
Package
Value, Mfg
1
2
C3, C5
Capacitors
603
0.1 μF, 25 V
2
2
C4, C6
Capacitors
805
10 μF, 6.3 V
3
1
R9
Resistor
603
4.02 kΩ, 1%
4
1
AFB
2-Pin Header/Jumper
Pin Strip
Molex/GC/Weldon
5
1
P2
80-Pin Dual Connector Assembly
Surface-Mount
Post Header AMP
6
1
SW1
Switch Push Button SPST
6 MM
Panasonic
7
3
J2, J3, J4
4-Pin Header Power Connecters
Pin Strip
Wieland
8
1
P1
60-Pin Dual-Socket Assembly
Surface-Mount
Samtec
9
1
PCB
AD12401 Interface Board GS08054
PCB
AFB
3.3VC
PASS
H/L_GAIN
3.3VC
H/L_GAIN
NYQ
3.3VC
NYQ
DITHER
JP2
E12
JP3
E13
SPARE1
E14
SPARE2
E18
3.3VC
OTHER
SPARE1
SPARE2
DGND
1.5VD
DIGITAL
J3
1
2
3
4
DGND
+VA
AGND
ANALOG
J2
1
2
3
4
DIGITAL
J4
3.3VC
3.8V
DGND
1
2
3
4
5V
C4
10
μF
C3
0.1
μF
DGND
DGND
5V
5V
C6
10
μF
C5
0.1
μF
3.3VC
DGND
DGND
3.3VD
3.3VD
SELECT D
JP4
E17
SELECT D
RESET
1.5V SENSE
E22
DGND
EVQ-PAC85R
1
2
3
4
E1
R8
4.02k
Ω
R9
4.02k
Ω
R10
4.02k
Ω
R11
4.02k
Ω
Figure 24. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com