Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 14 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 14 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 10Page - Analog Devices AD12401/KIT Datasheet HTML 11Page - Analog Devices AD12401/KIT Datasheet HTML 12Page - Analog Devices AD12401/KIT Datasheet HTML 13Page - Analog Devices AD12401/KIT Datasheet HTML 14Page - Analog Devices AD12401/KIT Datasheet HTML 15Page - Analog Devices AD12401/KIT Datasheet HTML 16Page - Analog Devices AD12401/KIT Datasheet HTML 17Page - Analog Devices AD12401/KIT Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD12401
Rev. A | Page 14 of 28
Signal-to-Noise-and-Distortion (SINAD)
The ratio of the rms signal amplitude (set 1 dB below full scale)
to the rms value of the sum of all other spectral components,
including harmonics, but excluding dc and image spur.
Signal-to-Noise Ratio (SNR)
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral compo-
nents, excluding the first five harmonics and dc.
Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component, except the image spur. The
peak spurious component may or may not be a harmonic. It can
be reported in dBc (that is, degrades as signal level is lowered)
or dBFS (always related back to converter full-scale).
Total Noise
Calculated as
)
(
10
001
.
0
10
dBFS
Signal
SNR
FS
NOISE
dBc
dBm
Z
V
−
−
×
×
=
where:
Z is the input impedance.
FS is the full scale of the device for the frequency in question.
SNR is the value of the particular input level.
Signal is the signal level within the ADC reported in dB below
full scale. This value includes both thermal and quantization noise.
Two-Tone Intermodulation Distortion Rejection
The ratio of the rms value of either input tone to the rms value
of the worst third-order intermodulation product; reported in dBc.
Two-Tone SFDR
The ratio of the rms value of either input tone to the rms value
of the peak spurious component. The peak spurious component
may or may not be an IMD product. It can be reported in dBc
(that is, degrades as signal level is lowered) or in dBFS (always
related back to converter full-scale).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com