Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 15 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 15 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 11Page - Analog Devices AD12401/KIT Datasheet HTML 12Page - Analog Devices AD12401/KIT Datasheet HTML 13Page - Analog Devices AD12401/KIT Datasheet HTML 14Page - Analog Devices AD12401/KIT Datasheet HTML 15Page - Analog Devices AD12401/KIT Datasheet HTML 16Page - Analog Devices AD12401/KIT Datasheet HTML 17Page - Analog Devices AD12401/KIT Datasheet HTML 18Page - Analog Devices AD12401/KIT Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD12401
Rev. A | Page 15 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
1
FREQUENCY (MHz)
SNR = 63.26dB
SFDR = 76.77dBc
SINAD = 62.97dB
IMAGE SPUR = –76.69dBc
2
3
4
5
6
X
N
Figure 6. FFT: fS = 400 MSPS, AIN = 10.123 MHz @ –1.0 dBFS;
X = Image Spur, N = Interleaved Offset Spur
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
1
2
3
5
6
X
4
N
SNR = 62.61dB
SFDR = 78.03dBc
SINAD = 62.41dB
IMAGE SPUR = –86.28dBc
Figure 7. FFT: fS = 400 MSPS, AIN = 70.123 MHz @ –1.0 dBFS;
X = Image Spur, N = Interleaved Offset Spur
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
N
5
2
1
4
X
6
3
SNR = 61.54dB
SFDR = 74.03dBc
SINAD = 60.92dB
IMAGE SPUR = –75.09dBc
Figure 8. FFT: fS = 400 MSPS, AIN = 128.123 MHz @ –1.0 dBFS;
X = Image Spur, N = Interleaved Offset Spur
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
N
1
6
3
4
5
2
X
SNR = 60.74dB
SFDR = 71.57dBc
SINAD = 60.29dB
IMAGE SPUR = –82.52dBc
Figure 9. FFT: fS = 400 MSPS, AIN = 175.123 MHz @ –1.0 dBFS;
X = Image Spur, N = Interleaved Offset Spur
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
12
Figure 10. Two-Tone Intermodulation Distortion
(25.1 MHz and 28.1 MHz; fS = 400 MSPS);
X = Image Spur, N = Interleaved Offset Spur
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
12
Figure 11. Two-Tone Intermodulation Distortion
(70.1 MHz and 73.1 MHz; fS = 400 MSPS);
X = Image Spur, N = Interleaved Offset Spur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com