Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 19 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 19 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 15Page - Analog Devices AD12401/KIT Datasheet HTML 16Page - Analog Devices AD12401/KIT Datasheet HTML 17Page - Analog Devices AD12401/KIT Datasheet HTML 18Page - Analog Devices AD12401/KIT Datasheet HTML 19Page - Analog Devices AD12401/KIT Datasheet HTML 20Page - Analog Devices AD12401/KIT Datasheet HTML 21Page - Analog Devices AD12401/KIT Datasheet HTML 22Page - Analog Devices AD12401/KIT Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD12401
Rev. A | Page 19 of 28
Figure 21 displays the application of this relationship to a full-
scale, single-tone input signal on the AD12401, where the DNL
was assumed to be 0.4 LSB, and the input noise was assumed to
be 0.8 LSB rms. The vertical marker at 0.4 ps displays the SNR
at the jitter level present in the AD12401 evaluation system,
including the jitter associated with the AD12401 itself.
57
58
59
60
61
62
63
64
65
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
APERTURE JITTER (ps rms)
AIN = 10MHz
AIN = 65MHz
AIN = 128MHz
AIN = 180MHz
Figure 21. SNR vs. Aperture Jitter
In addition to jitter, the harmonic content of the single-ended
sine wave clock sources must be controlled. The clock source
used in the test and calibration process has a harmonic per-
formance that is better than 60 dBc. Additionally, when using
PECL or other square-wave clock sources, unstable behavior,
such as overshoot and ringing, can affect phase matching and
degrade the image spur performance.
DIGITAL OUTPUTS
The AD12401’s digital postprocessing circuit provides two
parallel, 12-bit, 200 MSPS data output buses. By providing two
output busses that operate at one half the conversion rate, the
AD12401 eliminates the need for large, expensive, high power
demultiplexing circuits. The output data format is twos com-
plement, maintaining the standard set by other high speed
ADCs, such as the AD9430 and AD6645. Data-ready signals are
provided for facilitating proper timing in the data capture circuit.
POWER SUPPLIES
The AD12401 requires three different supply voltages: a 1.5 V
supply for the digital postprocessing circuit, a 3.3 V supply to
facilitate digital I/O through the system, and a 3.8 V supply for
the analog conversion and clock distribution circuits. The
AD12401 incorporates two key features that result in solid
PSRR performance. First, on-board linear regulators are used to
provide an extra level of power supply rejection for the analog
circuits. The linear regulator used to supply the ADCs provides
an additional 60 dB of rejection at 100 kHz. Second, to address
higher frequency noise (where the linear regulators’ rejection
degrades), the AD12401 incorporates high quality ceramic
decoupling capacitors.
While this product was designed to provide good PSRR
performance, system designers need to be aware of the risks
associated with switching power supplies and consider using
linear regulators in their high speed ADC systems. Switching
power supplies typically produces both conducted and radiated
energy that result in common-/differential-mode EMI currents.
Any system that requires 12-bit performance has very little
room for errors associated with power supply EMI. For exam-
ple, a system goal of 74 dB dynamic range performance on the
AD12401 requires noise currents that are less than 4.5 μA and
noise voltages of less than 225 μV in the analog input path.
STARTUP AND RESET
The AD12401’s FPGA configuration is stored in the on-board
EPROM and loaded into the FPGA when power is applied to
the device. The RESET pin (active low) allows the user to reload
the FPGA in case of a low digital supply voltage condition or a
power supply glitch. Pulling the RESET pin low pulls the data-
ready and output bits high until the FPGA is reloaded. The
RESET pin should remain low for a minimum of 200 ns. On the
rising edge of the reset pulse, the AD12401 starts loading the
configuration into the FPGA. The reload process requires a
maximum of 87 ms to complete. Valid signals on the data-ready
pins indicate the reset process is complete. In addition, system
designers must be aware of the thermal conditions of the
AD12401 at startup. If large thermal imbalances are present, the
AD12401 can require additional time to stabilize before providing
specified image spur performance.
DR_EN
The DR_EN pin is used to synchronize the collection of data
into external buffer memories. DR_EN must be held low for a
minimum amount of time (see Table 2 through Table 4 for each
ENCODE rate) to ensure correct operation. The function shuts
off DRA and DRB until the DR_EN pin is set high again. DRA
and DRB resume on the next valid DRA after DR_EN is
released. If this feature is not required, tie this pin to 3.3 V
through a 3.74 kΩ.
OVERRANGE
The differential OROUT pins are used to determine if the
AD12401 input is overranged. OROUT timing is identical to the
Channel B data. If the OROUT pin is high, then the Channel B
data coincident with the overrange indication or the Channel A
data immediately preceding it resulted from an overrange input.
If the OROUT pin is low, the operation is normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com