Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401/KIT Datasheet(PDF) 18 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 18 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 14Page - Analog Devices AD12401/KIT Datasheet HTML 15Page - Analog Devices AD12401/KIT Datasheet HTML 16Page - Analog Devices AD12401/KIT Datasheet HTML 17Page - Analog Devices AD12401/KIT Datasheet HTML 18Page - Analog Devices AD12401/KIT Datasheet HTML 19Page - Analog Devices AD12401/KIT Datasheet HTML 20Page - Analog Devices AD12401/KIT Datasheet HTML 21Page - Analog Devices AD12401/KIT Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD12401
Rev. A | Page 18 of 28
THEORY OF OPERATION
The AD12401 uses two high speed, 12-bit ADCs in a time-
interleaved configuration to double the sample rate, while
maintaining a high level of dynamic range performance. The
digital output of each ADC channel is calibrated using a
proprietary digital postprocessing technique, Advanced Filter
Bank (AFB). AFB is implemented using a state-of-the-art field
programmable gate array (FPGA) and provides a wide
bandwidth and wide temperature match for any gain, phase,
and clock timing errors between each ADC channel.
TIME-INTERLEAVING ADCS
When two ADCs are time-interleaved, gain and/or phase
mismatches between each channel produce an image spur at
fS/2 − fAIN and an offset spur, as shown in Figure 19. These
mismatches can be the result of any combination of device
tolerance, temperature, and frequency deviations.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
IMAGE SPUR
1
2
3
4
5
6
N
OFFSET SPUR
X
Figure 19. Image Spur due to Mismatches Between Two Interleaved ADCs
(No AFB Digital Postprocessing)
Figure 20 shows the performance of a similar converter with
on-board AFB postprocessing implemented. The –44 dBFS
image spur has been reduced to –77 dBFS and, as a result, the
dynamic range of this time-interleaved ADC is no longer
limited by the channel matching.
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
IMAGE SPUR
OFFSET SPUR
1
2
3
4
5
6
N
X
Figure 20. AD12401 with AFB Digital Postprocessing
The relationship between image spur and channel mismatches
is captured in Table 10 for specific conditions.
Table 10. Image Spur vs. Channel Mismatch
Gain Error (%)
Aperture Delay Error (ps)
Image Spur (dBc)
1
15
–40
0.25
2.7
–54
0.2
1.1
–62
0.025
0.5
–70
For a more detailed description of time-interleaving in ADCs and a
design example using the AD12401, see Advanced Digital Post-
Processing Techniques Enhance Performance in Time-Interleaved
ADC Systems, which was published in the August, 2003 edition of
the Analog Dialogue (www.analog.com/analogDialogue).
ANALOG INPUT
The AD12401 analog input is ac-coupled using a proprietary
transformer front-end circuit that provides 1 dB of gain flatness
over the first Nyquist zone and a −3 dB bandwidth of 480 MHz.
This front-end circuit provides a VSWR of 1.5 (50 Ω) over the
first Nyquist zone, and the typical full-scale input is 3.2 V p-p.
The Mini-Circuits® HELA-10 amplifier module can be used to
drive the input at these power levels.
CLOCK INPUT
The AD12401 requires a 400 MSPS ENCODE that is divided by 2
and distributed to each ADC channel, 180° out of phase from
each other. Internal ac-coupling and bias networks provide the
framework for flexible clock input requirements that include
single-ended sine wave, single-ended PECL, and differential
PECL. While the AD12401 is tested and calibrated using a
single-ended sine wave, properly designed PECL circuits that
provide fast slew rates (>1 V/ns) and minimize ringing result in
comparable dynamic range performance.
Aperture jitter and harmonic content are two major factors to
consider when designing the input clock circuit for the AD12401.
The relationship between aperture jitter and SNR can be
characterized using the following equation. The equation
assumes a full-scale, single-tone input signal.
SNR =
()
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟
⎠
⎞
⎜
⎝
⎛
ε
+
×
+
×
×
π
−
2
2
2
2
2
2
2
1
5
.
1
1
0
20
log
20
N
NOISErms
N
JRMS
A
V
t
f
where:
fA = input frequency.
tJRMS = aperture jitter.
N = ADC resolution (bits).
ε = ADCDNL (LSB).
VNOISErms = ADC input noise (LSB rms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com