Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 21Page - NXP Semiconductors FSFLK Datasheet HTML 22Page - NXP Semiconductors FSFLK Datasheet HTML 23Page - NXP Semiconductors FSFLK Datasheet HTML 24Page - NXP Semiconductors FSFLK Datasheet HTML 25Page - NXP Semiconductors FSFLK Datasheet HTML 26Page - NXP Semiconductors FSFLK Datasheet HTML 27Page - NXP Semiconductors FSFLK Datasheet HTML 28Page - NXP Semiconductors FSFLK Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs
Freescale Semiconductor, Inc.
Figure 17. True and calculated linear acceleration, acceleration time 1
Figure 18. True and calculated linear acceleration, acceleration time 5 s
Similar dependence on the magnetic pulse duration time was noticed in the Orientation Magnetic
Immunity tests. A slow-moving magnet introduces a longer
than a fast-moving magnet. The longer the magnetic disturbance pulse lasts, the greater the orientation
error it causes on the output of the fusion algorithm.
4.8.4
Limitations Imposed via Sensor Choice/Configuration
Table 14 represents the sensor configuration used to determine parameters specified in this datasheet.
ry for Kinetis MCUs, Rev. 0.7, 9/2015
True and calculated linear acceleration, acceleration time 1
True and calculated linear acceleration, acceleration time 5 s
Similar dependence on the magnetic pulse duration time was noticed in the Orientation Magnetic
moving magnet introduces a longer lasting magnetic field disturbance pulse
moving magnet. The longer the magnetic disturbance pulse lasts, the greater the orientation
error it causes on the output of the fusion algorithm.
Limitations Imposed via Sensor Choice/Configuration
represents the sensor configuration used to determine parameters specified in this datasheet.
True and calculated linear acceleration, acceleration time 1 s
True and calculated linear acceleration, acceleration time 5 s
Similar dependence on the magnetic pulse duration time was noticed in the Orientation Magnetic
lasting magnetic field disturbance pulse
moving magnet. The longer the magnetic disturbance pulse lasts, the greater the orientation
represents the sensor configuration used to determine parameters specified in this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com