Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 25Page - NXP Semiconductors FSFLK Datasheet HTML 26Page - NXP Semiconductors FSFLK Datasheet HTML 27Page - NXP Semiconductors FSFLK Datasheet HTML 28Page - NXP Semiconductors FSFLK Datasheet HTML 29Page - NXP Semiconductors FSFLK Datasheet HTML 30Page - NXP Semiconductors FSFLK Datasheet HTML 31Page - NXP Semiconductors FSFLK Datasheet HTML 32Page - NXP Semiconductors FSFLK Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
2. Percentage of time spent in the core fusion routines = 100*sysTickfusion / total_sysTicks
2
3. Idd Current into the MCU is measured via power jumper on the board using a simple DVM
3
4. Fusion Idd = MCU Idd X percentage
5. All currents shown are in mA
6. Sample size = 1 board
For devices with floating point units, this may yield a somewhat optimistic number, as the computation
makes the assumption that all MCU instructions consume the same amount of power. In fact, we can
expect floating point instructions to consume a bit more.
5.2 Flash and RAM Required
5.2.1
Intent
These parameters are total RAM and flash memory required to implement and execute the Fusion
Library plus MQX-Lite RTOS. The projects for the binaries were created using both CodeWarrior and
Kinetis Design Studio. Values for Text, Data and BSS were read directly from the console window after
builds completed.
This includes space for code storage, static and dynamic (stack) variables. This metric must be
associated with a specific hardware configuration similar to those defined in earlier in this document.
5.2.2
Procedure
The text, data and bss sizes for each build were extracted using the technique outlined at MCU on
Eclipse; text, data and bss: Code and Data Size Explained.
1.
text; includes the user code, the vector table plus constants.
2.
data; is for initialized variables, and it counts for RAM and FLASH. The linker allocates the data in
FLASH which then is copied from ROM to RAM in the startup code.
3.
bss; is for the uninitialized data in RAM which is initialized with zero in the startup code.
Refer to Computation Metrics for statistics gathered using the 5.00 build.
5.3 Fusion Loop Execution Time
This is simply CPU cycle time X sysTickfusion as measured in Section 5.1.
5.4 Compass Heading Linearity and Accuracy
5.4.1
Intent
Linearity is defined as the deviation of measured data from a least squares straight line approximation
of that data.
Absolute accuracy is defined as the maximum difference between measured and ideal values.
2
Which is simply the clock rate of the MCU divided by the sensor fusion rate (nominally 25)
3
Consult the user guide / schematic for your Freedom board to determine the specific jumper number
applicable to that board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com