Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 30 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 26Page - NXP Semiconductors FSFLK Datasheet HTML 27Page - NXP Semiconductors FSFLK Datasheet HTML 28Page - NXP Semiconductors FSFLK Datasheet HTML 29Page - NXP Semiconductors FSFLK Datasheet HTML 30Page - NXP Semiconductors FSFLK Datasheet HTML 31Page - NXP Semiconductors FSFLK Datasheet HTML 32Page - NXP Semiconductors FSFLK Datasheet HTML 33Page - NXP Semiconductors FSFLK Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Test Descriptions
30
These two concepts are illustrated in
This metric must be stated specifically for a hardware configuration similar to those defined
this document.
Figure
5.4.2
Procedure
Heading Linearity
Setup as defined in Matlab Stimulus/Expected Response + Hardware
post-process data.
1. Precondition the DUT by executing magnetic calibration trajectory leaving DUT in AZ = + 1
orientation (See Matlab Stimulus/Expected Response + Hardware
2. Rotate DUT around the z-axis from 0 to 360 degrees with an increment step of 10 degrees as
follows
3. Program rate table with desired steps and maximum velocity
a. Rotate tabletop by 10 degrees over 0.5 second per
b. Pause 0.5 seconds
c. Read orientation
d. Repeat steps a-c above until 360 degrees is reached.
Absolute Heading Accuracy
These numbers are based on simulations that are idealized models. The real
be approximately 5 degrees.
Freescale
Sensor Fusion Library for Kinetis
Freescale
These two concepts are illustrated in Figure 19.
This metric must be stated specifically for a hardware configuration similar to those defined
Figure 19. Nonlinearity vs. Absolute Accuracy
Matlab Stimulus/Expected Response + Hardware-based Fusion
Precondition the DUT by executing magnetic calibration trajectory leaving DUT in AZ = + 1
Matlab Stimulus/Expected Response + Hardware-based Fusion
axis from 0 to 360 degrees with an increment step of 10 degrees as
Program rate table with desired steps and maximum velocity
Rotate tabletop by 10 degrees over 0.5 second period
c above until 360 degrees is reached.
These numbers are based on simulations that are idealized models. The real-world values will tend to
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
This metric must be stated specifically for a hardware configuration similar to those defined earlier in
based Fusion. Matlab is used to
Precondition the DUT by executing magnetic calibration trajectory leaving DUT in AZ = + 1
based Fusion)
axis from 0 to 360 degrees with an increment step of 10 degrees as
world values will tend to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com