Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 4 Page - NXP Semiconductors

  FSFLK Datasheet HTML 1Page - NXP Semiconductors FSFLK Datasheet HTML 2Page - NXP Semiconductors FSFLK Datasheet HTML 3Page - NXP Semiconductors FSFLK Datasheet HTML 4Page - NXP Semiconductors FSFLK Datasheet HTML 5Page - NXP Semiconductors FSFLK Datasheet HTML 6Page - NXP Semiconductors FSFLK Datasheet HTML 7Page - NXP Semiconductors FSFLK Datasheet HTML 8Page - NXP Semiconductors FSFLK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Introduction
4
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Table 1. Feature Comparison of the Freescale Sensor Fusion Algorithm Options
Feature
Accel only
Mag only
Gyro Only
Accel + gyro
Accel + mag
Accel + mag + gyro
Filter type
Low pass
Low pass
N/A
Indirect Kalman
Low pass
1
Indirect Kalman
Roll / Pitch / Tilt in degrees
Yes
No
Yes
Yes
Yes
Yes
Yaw in degrees
No
Yes
Yes
No
Yes
Yes
Angular rate
2 in degrees/second
virtual 2 axis
3
Yaw only
Yes
Yes
virtual 3 axis
Yes
Compass heading (magnetic north) in
degrees
No
Yes
No
No
Yes
Yes
Quarternion and rotation vector
Yes
Yaw only
Yes
5
Yes
Yes
Yes
Rotation matrix
Yes
Yaw only
Yes
5
Yes
Yes
Yes
Linear acceleration separate from gravity
No
No
No
Yes
No
Yes
NED (North-East-Down) frame of reference
Yes
4
Yes
Yes
4
Yes
4
Yes
Yes
ENU (Windows 8 variant) frame of reference
Yes
4
Yes
Yes
4
Yes
4
Yes
Yes
ENU (Android variant) frame of reference
Yes
4
Yes
Yes
4
Yes
4
Yes
Yes
Magnetic calibration included
N/A
Yes
N/A
N/A
Yes
Yes
Gyro offset calibration included
N/A
N/A
No
Yes
N/A
Yes
FRDM-KL25Z board support
Yes
Yes
Yes
Yes
Yes
Yes
FRDM-KL46Z board support
Yes
Yes
Yes
Yes
Yes
Yes
FRDM-K20D50M board support
Yes
Yes
Yes
Yes
Yes
Yes
FRDM-KL26Z board support
Yes
Yes
Yes
Yes
Yes
Yes
FRDM-K64F board support
Yes
Yes
Yes
Yes
Yes
Yes
FRDM-K22F board support
KDS only
1.
More precisely: a non-linear modified exponential low pass quaternion SLERP filter.
2.
Angular rate for 6 and 9-axis configurations with a gyro include corrections for gyro offset.
3.
Subject to well-known limitation of being blind to rotation about axes aligned with gravity.
4.
These solutions do not include a magnetometer, therefore there is no sense of compass heading.
5.
Rotations for gyro-only solution are relative to sensor position (there is no global frame).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com