Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 5 Page - NXP Semiconductors

  FSFLK Datasheet HTML 1Page - NXP Semiconductors FSFLK Datasheet HTML 2Page - NXP Semiconductors FSFLK Datasheet HTML 3Page - NXP Semiconductors FSFLK Datasheet HTML 4Page - NXP Semiconductors FSFLK Datasheet HTML 5Page - NXP Semiconductors FSFLK Datasheet HTML 6Page - NXP Semiconductors FSFLK Datasheet HTML 7Page - NXP Semiconductors FSFLK Datasheet HTML 8Page - NXP Semiconductors FSFLK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Table 2. Feature Options
Feature
Options
License
BSD 3-Clause
CPU selection
MKL25Z128VLK4
MKL26Z128VLH4
MK20DX128VLH5
MKL46Z256VMC4
MK64FN1M0VLL12
MK22FN512VLH12 (KDS only)
Board customizable
Yes
Sensor sample rate
Programmable
Fusion rate
Programmable
Frame of Reference
Programmable
Algorithms Executing
Programmable
Sleep mode enabled between
samples/calculations
No
It can be added by user, but will interfere with UART operation
RTOS
MQX-Lite
Code flexibility
Full source code is provided. All files are can be modified.
Access to Processor Expert
Yes
Product Deliverables
• This datasheet
• Software user guide
• Zip file containing both CodeWarrior and KDS projects
1.
Listed MCUs are those supported by included project templates. The fusion library should be portable to any ARM®
processor without change. Ports to other architectures are expected to be very straightforward, as the library is written
in standard C.
2.
FRDM-KL25Z, FRDM-KL26Z, FRDM-KL46Z, FRDM-K20D50M, FRDM-K64F and FRDM-K22F are supported out-of-the
box and may be used as templates for other boards.
3.
The sensor fusion library was written assuming the MQXLite RTOS, but should be easily adaptable to other operating
systems. See the "Freescale Sensor Fusion for Kinetis User Guide" for additional details. The sensor fusion library has
also been incorporated into Freescale’s Intelligent Sensing Framework (ISF). ISF 2.2 offers an RTOS abstraction that
allows you to target alternate real time operating systems.
The Freescale Sensor Fusion Toolbox includes bonus projects for 3-axis tilt and 6-axis eCompass
running without an RTOS. Sensor shield boards are not needed for these configurations. This results in
very low-cost demonstration platforms. The bonus projects are compatible with the Sensor Fusion
Toolbox for Windows over USB connection. The FRDM-KL46Z eCompass version can also be used
stand-alone since the compass heading is displayed directly on the FRDM-KL46Z LCD display.
The bare-board eCompass projects have sensor sampling, sensor fusion and magnetic algorithms run
as a single task at 25Hz. On power up, the green LED flashes slowly to indicate that the software is
executing but that there is no magnetic calibration solution. The green LED then flashes rapidly to
signal that the compass heading display is accurate and that a valid magnetic calibration has been
obtained after rotating the Freedom development board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com