Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 28Page - NXP Semiconductors FSFLK Datasheet HTML 29Page - NXP Semiconductors FSFLK Datasheet HTML 30Page - NXP Semiconductors FSFLK Datasheet HTML 31Page - NXP Semiconductors FSFLK Datasheet HTML 32Page - NXP Semiconductors FSFLK Datasheet HTML 33Page - NXP Semiconductors FSFLK Datasheet HTML 34Page - NXP Semiconductors FSFLK Datasheet HTML 35Page - NXP Semiconductors FSFLK Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Test Descriptions
32
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
5.6 Orientation Static Noise
5.6.1
Intent
RMS noise as a function of orientation for a motionless DUT.
5.6.2
Procedure
This can be based upon data gathered for the orientation static drift test. The classic standard deviation
equation is used to compute the metric/value.
5.7 Orientation Dynamic Drift
5.7.1
Intent
Measure of the ability of fusion code to return to a known orientation after movement.
5.7.2
Procedure
Setup as defined in Matlab Stimulus/Expected Response + Hardware-based Fusion and in Figure 9.
Matlab is used to post-process data.
1. Precondition the DUT by executing magnetic calibration trajectory leaving DUT in a given
orientation.
2. Keep DUT in a given orientation motionless for 2 seconds.
3. Rotate DUT at 0.5 revolution/sec for 10 seconds around vertical axis.
4. Keep DUT in its last orientation motionless for 2 seconds.
5. Determine the initial orientation by averaging orientation samples from the initial motionless period
and the final orientation by averaging the samples from the final motionless period. The difference
between the two orientations is the orientation dynamic drift.
6. Repeat steps 1-5 for all six major orientations of the development board.
5.8 Maximum Angular Rate
5.8.1
Intent
This test determines the maximum rotation rate for which the filter is able to correctly track orientation.
5.8.2
Procedure
Setup as defined in Matlab Stimulus/Expected Response + Hardware-based Fusion. Matlab is used to
post-process data.
1. Rotate DUT around X axis five times starting at rotation rate 360 dps.
2. Plot the ideal simulated orientation together with the orientation samples calculated by Kalman
filter fusion algorithms: 9DOF and 6DOF Accelerometer + Gyro and notice if fusion data tracks the
ideal orientation.
3. Increase the rotation rate by 360 dps and repeat steps 1 and 2.
4. The highest angular rate at which the fusion algorithm orientation still tracks the ideal simulated
orientation is the maximum angular rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com