Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 3 Page - NXP Semiconductors

  FSFLK Datasheet HTML 1Page - NXP Semiconductors FSFLK Datasheet HTML 2Page - NXP Semiconductors FSFLK Datasheet HTML 3Page - NXP Semiconductors FSFLK Datasheet HTML 4Page - NXP Semiconductors FSFLK Datasheet HTML 5Page - NXP Semiconductors FSFLK Datasheet HTML 6Page - NXP Semiconductors FSFLK Datasheet HTML 7Page - NXP Semiconductors FSFLK Datasheet HTML 8Page - NXP Semiconductors FSFLK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
1 Introduction
Sensor Fusion is the process where data from several different sensors are fused to complete
computations that a single sensor could not handle. An example of sensor fusion is computing the
orientation of a device in 3-dimensional space using an accelerometer and magnetometer. That data
might then be used to alter the perspective presented by a 3D GUI or game.
The Freescale Sensor Fusion Library for Kinetis MCUs provides advanced functions for computation of
device orientation, linear acceleration, gyroscope offset and magnetic interference based upon the
outputs of Freescale inertial and magnetic sensors.
Features
• Supports:
— Accelerometer only (roll, pitch and tilt)
— Magnetometer only (2D auto)
— Gyro only
— Accelerometer plus magnetometer (eCompass)
— Accelerometer plus gyro (gaming)
— Accelerometer plus magnetometer plus gyroscope sensors
• Includes Freescale’s award-winning magnetic compensation software
— Provides geomagnetic field strength, hard- and soft-iron corrections, and quality-of-fit indication
• Very low power consumption
— 3 mA 9-axis fusion IDD on Kinetis ARM
® Cortex® M0+ devices at 25 Hz fusion rate/200 Hz
sensor rate
— 0.6mA 9-axis fusion IDD on Kinetis ARM Cortex M4F devices at 25 Hz fusion rate/200 Hz sensor
rate
• Programmable sensor sample and fusion rates
• Supports multiple 3D frames of reference (aerospace NED, Android and Windows 8)
• Library is coded in standard C99 ANSI C
• Compatible with the Freescale Sensor Fusion Toolbox for Android and Windows
• Supported by Freescale CodeWarrior, Kinetis Design Studio and Processor Expert tools
• Out-of-the box support for the following Freedom Development Platforms with FRDM-FXS-MULTx
family of sensor boards
— Cortex M0+:
FRDM-KL25Z / FRDM-KL26Z / FRDM-KL46Z
— Cortex M4:
FRDM-K20D50M
— Cortex M4F:
FRDM-K64F / FRDM-K22F (KDS only)
• Library version 5.00 includes bonus bare-metal implementations for tilt and eCompass.
Typical Applications
• Notebook, tablet and smartphone sensor fusion
• Gaming, motion control, head-mounted displays, wearable electronics
• Air mouse, remote control
• Navigation, eCompass, IoT (Internet of Things) sensor data management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com