Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 30 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 26Page - Texas Instruments THS8083CPZP Datasheet HTML 27Page - Texas Instruments THS8083CPZP Datasheet HTML 28Page - Texas Instruments THS8083CPZP Datasheet HTML 29Page - Texas Instruments THS8083CPZP Datasheet HTML 30Page - Texas Instruments THS8083CPZP Datasheet HTML 31Page - Texas Instruments THS8083CPZP Datasheet HTML 32Page - Texas Instruments THS8083CPZP Datasheet HTML 33Page - Texas Instruments THS8083CPZP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
3–6
3.2.5
Register Name: NOM_INC_2
Subaddress: 04 (R/W)
NOM_INC23
NOM_INC22
NOM_INC21
NOM_INC20
NOM_INC19
NOM_INC18
NOM_INC17
NOM_INC16
MSB
LSB
NOM_INC[23..16]:
See register NOM_INC_0.
Default: 0xB9
3.2.6
Register Name: NOM_INC_3
Subaddress: 05 (R/W)
NOM_INC31
NOM_INC30
NOM_INC29
NOM_INC28
NOM_INC27
NOM_INC26
NOM_INC25
NOM_INC24
MSB
LSB
NOM_INC[31..24]:
See register NOM_INC_0.
Default: 0x70
3.2.7
Register Name: NOM_INC_4
Subaddress: 06 (R/W)
X
X
X
X
X
X
X
NOM_INC32
MSB
LSB
NOM_INC32:
See register NOM_INC_0
Default: 0x01
NOTE: The default value for NOM_INC is 0x 0170B9F645. Split into the 6-bit integer/ 27 bit fractional part, this can
be written as 0x2e.0b9f645 or 46.090802 in decimal format. From Appendix A, it can be calculated that this will
correspond to a DTO output frequency of 78.75 MHz (XGA@75Hz).
IMPORTANT: To properly update the increment it is required to program successively NOM_INC_0 to NOM_INC_4
and then repeat the programming of the two last bytes NOM_INC3 and NOM_INC4 in this order. By doing so, the
DTO will be properly set to the new frequency.
3.2.8
Register Name: VCODIV
Subaddress: 07 (R/W)
X
X
X
X
X
VCODIV2
VCODIV1
VCODIV0
MSB
LSB
VCODIV[2..0]:
Divider in analog PLL loop. Determines the internal master clock frequency as VCODIV x master clock
frequency (from XTL1–MCLK/XTL2).
Default: 0x03 i.e., analog multiplier of 8 producing an internal nominal frequency of 8x14.31818 MHz
VCO_DIV[2..0]
ANALOG PLL MULTIPLIER
000
5
001
6
010
7
011 (default)
8
100
9
101
10
110
11
111
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com