Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 22 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 18Page - Texas Instruments THS8083CPZP Datasheet HTML 19Page - Texas Instruments THS8083CPZP Datasheet HTML 20Page - Texas Instruments THS8083CPZP Datasheet HTML 21Page - Texas Instruments THS8083CPZP Datasheet HTML 22Page - Texas Instruments THS8083CPZP Datasheet HTML 23Page - Texas Instruments THS8083CPZP Datasheet HTML 24Page - Texas Instruments THS8083CPZP Datasheet HTML 25Page - Texas Instruments THS8083CPZP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
2–8
2.7
Output Formatter
This block enables either a 4:4:4 24-bit output or 4:4:4 48-bit output at half the pixel clock or a 4:2:2 16-bit output,
useful for YUV digitizing (ITU.BT-601 style). In the latter case, an 8-bit port is used for the Y output, while a second
8-bit port is used alternately for Cr and Cb. As per ITU BT-601, Cb is the first video data word for each line, as shown
in Figure 2-7.
The first color sample after an incoming HS will be Cb. The output signal DHS is synchronized to the first pixel of a
line and can therefore be used to uniquely identify Cb from Cr output data in downsampled modes.
Cb
Cr
Cb
Cr
Cb
YY
Y
Y
Y
2 Channels
3 Channels
Cr (R-Y or V)
Cb (or B-Y or U)
Sampling Format
Y
X
Y
on Ch1 Bus A
Output
on Ch2 Bus A
Output
Other Outputs HI-Z
Output Format
t
Figure 2–7. Output Formatter
2.8
Power Down
In the I2C power-down register, four power down modes are defined:
•
Chip power down: PWDN_ALL
When PWDN_ALL=1, all analog circuits are powered down except the internal bandgap reference, the
circuit that generates the clamping voltages and the sync reference voltage. All these are kept active for
the composite sync slicer that remains active during power down. The clock frequency of the digital circuitry
will be lowered to reduce power consumption when in power down.
•
Internal reference power down: PWDN_REF
When PWDN_REF=1, bottom and top references (VREFB, VREFT) on all channels become inputs and
should be driven from external.
•
Bandgap reference power down: PWDN_BGAP
When PWDN_BGAP=1, the internal bandgap reference voltage is inactive and terminal VMID should be
driven from external.
•
DTO power down: DTO_DIS
When DTO_DIS=1, the DTO frequency is lowered to reduce power dissipation. When an external sampling
clock is used (EXT_ADCCLK), this power down can be activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com