Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 18 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 14Page - Texas Instruments THS8083CPZP Datasheet HTML 15Page - Texas Instruments THS8083CPZP Datasheet HTML 16Page - Texas Instruments THS8083CPZP Datasheet HTML 17Page - Texas Instruments THS8083CPZP Datasheet HTML 18Page - Texas Instruments THS8083CPZP Datasheet HTML 19Page - Texas Instruments THS8083CPZP Datasheet HTML 20Page - Texas Instruments THS8083CPZP Datasheet HTML 21Page - Texas Instruments THS8083CPZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
2–4
2.4
Programmable Gain Amplifier (PGA)
Each video channel is passed through a programmable gain amplifier, to provide a full-scale signal to each A/D. The
user can change this gain via register programming. A gain change becomes effective immediately.
The range of the PGA is such that an input ac range from 0.4 Vpp to 1.2 Vpp can be scaled to ADC full scale, by
maximum gain and minimum gain settings respectively.
The PGA is split into a 6-bit coarse gain control and 5-bit fine gain control. Their combination leads to a PGA resolution
of better than 1 LSB on the ADC output code.
The bandwidth of the PGA is by design constant, resulting in a constant analog video input bandwidth.
The coarse PGA, with its 64 settings, covers a 4/3 x to 4x gain change, used for a 0.4 V (0.4 Vpp
× 4 = 1.6 Vpp)
respectively 1.2 Vpp (1.2 Vpp
× 4/3 = 1.6 Vpp) input range swing.
While an amplifier with variable gain implements the coarse PGA, the fine PGA is implemented by slightly changing
the top and bottom reference levels that are also independently controllable for each ADC channel. The fine range,
with its 32 settings, covers a range of 16 LSBs.
The fine and coarse PGA settings can be combined into a single PGA gain formula as follows:
GAIN = (4/3 + C/24)(1 + (F–15)/512)
Where C is the coarse gain setting (0..63) and F the fine gain setting (0..31).
2.5
A/D Converter
The A/D converter is based on the core used in the TLV5580 (single 8-bit 80 MSPS A/D). The switched-capacitor
single-pipeline CMOS architecture combines excellent signal-to-noise characteristics with a very wide 3-dB analog
input bandwidth of typically 500 MHz. The A/D block contains an internal reference voltage generator, providing stable
bottom and top references derived from an internal bandgap reference. The reference voltages are made available
externally. The THS8083 supports ac-coupled input (clamping circuit).
The A/D converter will have no missing codes up to 80 MSPS if used as defined in section 5, Electrical Specification.
The sampling clock of the A/D converter is either fed from external or generated internally by the PLL.
2.6
PLL
The PLL is a fully contained functional block consisting of:
•
An analog PLL operating at a fixed output frequency of N times the master (crystal) clock frequency
•
A digital PLL containing a digital phase-frequency detector (PFD), a discrete time oscillator (DTO), a digital
loop filter, a feedback divider, a programmable clock output divider, and a programmable phase shifter
2.6.1
Analog PLL
The analog PLL generates a high-frequency internal clock that will be used by the DTO in the digital PLL to derive
the pixel output frequency with programmable phase. The reference signal for this PLL is the master clock frequency
supplied on the XTL1-MCLK terminal.
Two options exist for connecting a master clock:
•
A crystal can be connected between the XTL1-MCLK and XTL2 terminals. The device provides internal
oscillator circuitry.
•
A 3.3-V CMOS/TTL clock signal can be connected to XTL1-MCLK from an external oscillator. In this case
XTL2 must be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com