Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 29 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 25Page - Texas Instruments THS8083CPZP Datasheet HTML 26Page - Texas Instruments THS8083CPZP Datasheet HTML 27Page - Texas Instruments THS8083CPZP Datasheet HTML 28Page - Texas Instruments THS8083CPZP Datasheet HTML 29Page - Texas Instruments THS8083CPZP Datasheet HTML 30Page - Texas Instruments THS8083CPZP Datasheet HTML 31Page - Texas Instruments THS8083CPZP Datasheet HTML 32Page - Texas Instruments THS8083CPZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
3–5
3.2
Register Description
Register values after reset/at power up/after power down mode: The default value with each register shows the
startup condition after general chip reset. The register state after power up is undefined i.e., the device requires a
reset after power up (RESET low) to put all registers in their default states. The value of these registers is preserved
in all power-down modes (i.e. after power down the register values are identical as when entering power down); they
do not return to their default values under this condition. In order for the device to reset correctly, a master clock signal
needs to be applied during reset from either a clock signal on XTL1–MCLK or a crystal connected between
XTL1–MCLK and XTL2. The reset signal needs to be at least 5 clock cycles wide.
Default values: The default values for this device are set for XGA@78.75 MHz.
3.2.1
Register Name: TERM_CNT_0
Subaddress: 00 (R/W)
TERM_CNT7
TERM_CNT6
TERM_CNT5
TERM_CNT4
TERM_CNT3
TERM_CNT2
TERM_CNT1
TERM_CNT0
MSB
LSB
TERM_CNT[7..0]:
TERM_CNT[11..0] sets the number of pixels per line. Controls the digital PLL feedback divider.
Default: 0x20
3.2.2
Register Name: TERM_CNT_1
Subaddress: 01 (R/W)
X
X
X
X
TERM_CNT11
TERM_CNT10
TERM_CNT9
TERM_CNT8
MSB
LSB
TERM_CNT[11..8]:
See register TERM_CNT_0.
Default: 0x5
Default TERM_CNT: 0x520 = 1312 pixels/line (XGA@75 Hz)
3.2.3
Register Name: NOM_INC_0
Subaddress: 02 (R/W)
NOM_INC7
NOM_INC6
NOM_INC5
NOM_INC4
NOM_INC3
NOM_INC2
NOM_INC1
NOM_INC0
MSB
LSB
NOM_INC[7..0]:
NOM_INC[32..27]: integer part of DTO increment value
NOM_INC[26..0] : fractional part of DTO increment value
[See appendix A for how to calculate the increment]
Default: 0x45
3.2.4
Register Name: NOM_INC_1
Subaddress: 03 (R/W)
NOM_INC15
NOM_INC14
NOM_INC13
NOM_INC12
NOM_INC11
NOM_INC10
NOM_INC9
NOM_INC8
MSB
LSB
NOM_INC[15..8]:
See register NOM_INC_0.
Default: 0xF6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com