Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 27 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 23Page - Texas Instruments THS8083CPZP Datasheet HTML 24Page - Texas Instruments THS8083CPZP Datasheet HTML 25Page - Texas Instruments THS8083CPZP Datasheet HTML 26Page - Texas Instruments THS8083CPZP Datasheet HTML 27Page - Texas Instruments THS8083CPZP Datasheet HTML 28Page - Texas Instruments THS8083CPZP Datasheet HTML 29Page - Texas Instruments THS8083CPZP Datasheet HTML 30Page - Texas Instruments THS8083CPZP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Table 3–1. I2C Register Map
REGISTER
NAME
R/W
SUB
ADDRESS
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TERM_CNT_0
R/W
00
TERM_CNT7
TERM_CNT6
TERM_CNT5
TERM_CNT4
TERM_CNT3
TERM_CNT2
TERM_CNT1
TERM_CNT0
TERM_CNT_1
R/W
01
TERM_CNT11
TERM_CNT10
TERM_CNT9
TERM_CNT8
NOM_INC_0
R/W
02
NOM_INC7
NOM_INC6
NOM_INC5
NOM_INC4
NOM_INC3
NOM_INC2
NOM_INC1
NOM_INC0
NOM_INC_1
R/W
03
NOM_INC15
NOM_INC14
NOM_INC13
NOM_INC12
NOM_INC11
NOM_INC10
NOM_INC9
NOM_INC8
NOM_INC_2
R/W
04
NOM_INC23
NOM_INC22
NOM_INC21
NOM_INC20
NOM_INC19
NOM_INC18
NOM_INC17
NOM_INC16
NOM_INC_3
R/W
05
NOM_INC31
NOM_INC30
NOM_INC29
NOM_INC28
NOM_INC27
NOM_INC26
NOM_INC25
NOM_INC24
NOM_INC_4
R/W
06
NOM_INC32
VCODIV
R/W
07
VCODIV2
VCODIV1
VCODIV0
SELCLK
R/W
08
SELCLK1
SELCLK0
PHASESEL
R/W
09
PHASE_SEL4
PHASE_SEL3
PHASE_SEL2
PHASE_SEL1
PHASE_SEL0
PLLFILT
R/W
0A
GAIN_N2
GAIN_N1
GAIN_N0
GAIN_P2
GAIN_P1
GAIN_P0
HS_WIDTH
R/W
0B
HS_WIDTH7
HS_WIDTH6
HS_WIDTH5
HS_WIDTH4
HS_WIDTH3
HS_WIDTH2
HS_WIDTH1
HS_WIDTH0
VS_WIDTH
R/W
0C
VS_WIDTH7
VS_WIDTH6
VS_WIDTH5
VS_WIDTH4
VS_WIDTH3
VS_WIDTH2
VS_WIDTH1
VS_WIDTH0
SYNC_CTRL
R/W
0D
HS_POL
HS_MS
VS_POL
VS_MS
LD_THRES
R/W
0E
LD_THRES7
LD_THRES6
LD_THRES5
LD_THRES4
LD_THRES3
LD_THRES2
LD_THRES1
LD_THRES0
PLL_CTRL
R/W
0F
DISABLE_PFD
SEL_ADCCLK
INV2
DIV2
INV3
DIV3
HS_COUNT_0
R
10
HS_COUNT7
HS_COUNT6
HS_COUNT5
HS_COUNT4
HS_COUNT3
HS_COUNT2
HS_COUNT1
HS_COUNT0
HS_COUNT_1
R
11
HS_COUNT11
HS_COUNT10
HS_COUNT9
HS_COUNT8
VS_COUNT_0
R
12
VS_COUNT7
VS_COUNT6
VS_COUNT5
VS_COUNT4
VS_COUNT3
VS_COUNT2
VS_COUNT1
VS_COUNT0
VS_COUNT_1
R
13
VS_COUNT11
VS_COUNT10
VS_COUNT9
VS_COUNT8
DTO_INC_0
R
14
DTO_INC7
DTO_INC6
DTO_INC5
DTO_INC4
DTO_INC3
DTO_INC2
DTO_INC1
DTO_INC0
DTO_INC_1
R
15
DTO_INC15
DTO_INC14
DTO_INC13
DTO_INC12
DTO_INC11
DTO_INC10
DTO_INC9
DTO_INC8
DTO_INC_2
R
16
DTO_INC23
DTO_INC22
DTO_INC21
DTO_INC20
DTO_INC19
DTO_INC18
DTO_INC17
DTO_INC16
DTO_INC_3
R
17
DTO_INC31
DTO_INC30
DTO_INC29
DTO_INC28
DTO_INC27
DTO_INC26
DTO_INC25
DTO_INC24
DTO_INC_4
R
18
DTO_INC32
SYNC_DETECT
R
19
NO_SYNC
Reserved
1A-1F
NOTE: Blank register bits in this table are ignored upon write. When read they return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com