Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 21 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 17Page - Texas Instruments THS8083CPZP Datasheet HTML 18Page - Texas Instruments THS8083CPZP Datasheet HTML 19Page - Texas Instruments THS8083CPZP Datasheet HTML 20Page - Texas Instruments THS8083CPZP Datasheet HTML 21Page - Texas Instruments THS8083CPZP Datasheet HTML 22Page - Texas Instruments THS8083CPZP Datasheet HTML 23Page - Texas Instruments THS8083CPZP Datasheet HTML 24Page - Texas Instruments THS8083CPZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
2–7
Phase-
Frequency
Detector
HS
Programmable
Divider
MUX
I
N
V
POL
PROG.
LOOP
FILTER
PFD_FREEZE
LOCK
12
to ADC
MUX
ADCCLK1
(see NOTE)
ADCCLK2
DTOCLK3
DTO
EXT_ADCCLK
Phase
Selector
INV2
1
HS_POL
TERM_CNT
PHASESEL
SEL_ADCCLK
DIV3
1
INV3
1
D
I
V
2
DIV2
1
PLLCLK
GAIN_N
3
33
GAIN_P
NOM_INC
SELCLK
DTO_DIS
I
N
V
D
I
V
2
1
Noise
Gate
1
HS_MS
HS_WIDTH
3 P
5
1
DIGITAL PLL
1
DISABLE_
DIV
3
Lock
Detection
Hysteresis
LD_THRESH
8
VCOCLK
(From Analog PLL)
NOTE: ADCCLK1 is used by the output formatter to generate the DATACLK1 output.
1
1
DHS_MODE
8
Compensated in Output
Formatter for Pipeline
Data Delay. Then output
on Terminal DHS With
Polarity Determined by
<DHS_POL>.
PFD
Figure 2–6. Digital PLL
The device provides three clock outputs. One of these output signals, DATACLK1, is derived from the ADC clock
output. It is actually equal to the sampling clock but compensated in phase so that its rising edge always corresponds
to the center valid region of the output data. Output data timing (setup/hold) is specified with respect to this rising edge.
Therefore, DATACLK1 is typically used for clocking the THS8083’s output data. The frequency of DATACLK1 will be
either equal or 1/2 of the sampling clock, depending on the operation mode of the output formatter. When the
THS8083 is clocked with an external sampling clock, this external clock is used as the source to generate DATACLK1
in the output formatter.
The second clock output, ADCCLK2, is equal to the ADC sampling clock but can optionally be divided by 2 and
inverted.
Finally, the third clock output, DTOCLK3, is always derived from the PLL output clock, irrespective of the use of an
external sampling clock on EXT_ADCCLK. So, when operating with an external sampling clock, the DTOCLK3 output
can be used to generate a second, possibly asynchronous, clock signal in either open loop operation or in closed loop
locked to a reference HS input. Also, DTOCLK3 can be optionally divided by 2 and inverted.
The divide and invert functions are implemented to enable a master/slave operation of two parts in case higher
sampling speeds than 80 MSPS are required. In this case the master will use its PLL to generate a line-locked clock,
of which the inverse will be used as an external sampling clock by the second slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com