Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8083CPZP Datasheet(PDF) 25 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 21Page - Texas Instruments THS8083CPZP Datasheet HTML 22Page - Texas Instruments THS8083CPZP Datasheet HTML 23Page - Texas Instruments THS8083CPZP Datasheet HTML 24Page - Texas Instruments THS8083CPZP Datasheet HTML 25Page - Texas Instruments THS8083CPZP Datasheet HTML 26Page - Texas Instruments THS8083CPZP Datasheet HTML 27Page - Texas Instruments THS8083CPZP Datasheet HTML 28Page - Texas Instruments THS8083CPZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
3–1
3 Register Definition
3.1
I2C Protocol
The THS8083 is a slave I2C device on which both write and read are supported. As shown in the register map, there
are some status control registers that can only be read.
The device can support FAST I2C mode (SCL up to 400 kHz) when the DTO clock is running at over 25 MHz; at lower
DTO frequencies only NORMAL I2C mode (SCL up to 100 kHz) is supported.
To discriminate between write and read operations, the device is addressed at separate device addresses. There is
an automatic internal subaddress increment counter to efficiently write/read multiple bytes in the register map during
one write/read operation. Furthermore, bit1 of the I2C device address is dependent upon the setting of the I2CA pin,
as follows:
If address selecting pin I2CA = 0, then
WRITE address is 40 hex (01000000)
READ address is 41 hex (01000001)
If address selecting pin I2CA = 1, then
WRITE address is 42 hex (01000010)
READ address is 43 hex (01000011)
3.1.1
Write Format
S
Slave address(w)
A
Sub-address
A
Data0
A
……
Data(N–1)
A
P
S
Start condition
Slave address(w)
0100000 (0x40) if I2CA=0 / 01000010 (0x42) if I2CA=1
A
Acknowledge, it is generated by THS8083
Subaddress
Subaddress of the 1st register to write, length: 1 byte
Data0
First byte of the data
Data(N–1)
Nth byte of the data
P
Stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com