Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV951 Datasheet HTML 1Page - National Semiconductor (TI) LMV951 Datasheet HTML 2Page - National Semiconductor (TI) LMV951 Datasheet HTML 3Page - National Semiconductor (TI) LMV951 Datasheet HTML 4Page - National Semiconductor (TI) LMV951 Datasheet HTML 5Page - National Semiconductor (TI) LMV951 Datasheet HTML 6Page - National Semiconductor (TI) LMV951 Datasheet HTML 7Page - National Semiconductor (TI) LMV951 Datasheet HTML 8Page - National Semiconductor (TI) LMV951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Supply Voltage (V
+ –V−)
3.1V
V
IN Differential
±0.3V
Voltage at Input/Output Pin
V
+ +0.3V, V− −0.3V
Current at Input Pin
±10 mA
Junction Temperature (Note 3)
+150˚C
Mounting Temperature
Infrared or Convection (20 sec)
235˚C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40˚C to +125˚C
Supply Voltage
0.9V to 3V
Thermal Resistance (
θ
JA) (Note 3)
170˚C/W
1V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits guaranteed for at T
A = 25˚C, V
+ =1,V− = 0V, V
CM = 0.5V, Shutdown = 0V, and
R
L =1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 6)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
1.5
2.8
3.0
mV
TC V
OS
Input Offset Average Drift
0.15
µV/˚C
I
B
Input Bias Current
32
80
85
nA
I
OS
Input Offset Current
0.2
nA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 1V
67
55
77
dB
0.1V
≤ V
CM
≤ 1V
76
73
85
PSRR
Power Supply Rejection Ratio
1V
≤ V+ ≤ 1.8V, V
CM = 0.5V
70
67
92
dB
1V
≤ V+ ≤ 3V, V
CM = 0.5V
68
65
85
V
CM
Input Common-Mode Voltage
Range
CMRR
≥ 67 dB
0
1.2
V
CMRR
≥ 55 dB
0
1.2
A
V
Large Signal Voltage Gain
V
OUT = 0.1V to 0.9V
R
L = 600
Ω to 0.5V
90
85
106
dB
V
OUT = 0.1V to 0.9V
R
L =2k
Ω to 0.5V
90
86
112
V
OUT
Output Voltage Swing High
R
L = 600
Ω to 0.5V
50
62
25
mV from
rail
R
L =2k
Ω to 0.5V
25
36
12
Output Voltage Swing Low
R
L = 600
Ω to 0.5V
70
85
32
R
L =2k
Ω to 0.5V
35
40
10
I
OUT
Output Short Circuit Current
(Note 7)
Sourcing
V
O = 0V, VIN(DIFF) = ±0.2V
20
15
45
mA
Sinking
V
O = 1V, VIN(DIFF) = ±0.2V
20
13
35
I
S
Supply Current
Active Mode V
SD <0.4V
370
480
520
µA
Shutdown Mode V
SD >0.6V
0.01
1.0
3.0
SR
Slew Rate
(Note 8)
1.4
V/µs
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com