Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV951 Datasheet HTML 6Page - National Semiconductor (TI) LMV951 Datasheet HTML 7Page - National Semiconductor (TI) LMV951 Datasheet HTML 8Page - National Semiconductor (TI) LMV951 Datasheet HTML 9Page - National Semiconductor (TI) LMV951 Datasheet HTML 10Page - National Semiconductor (TI) LMV951 Datasheet HTML 11Page - National Semiconductor (TI) LMV951 Datasheet HTML 12Page - National Semiconductor (TI) LMV951 Datasheet HTML 13Page - National Semiconductor (TI) LMV951 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, all limits are guaranteed for T
A =
25˚C, V
+ = 1V, V− = 0V, V
CM =V
+/2=V
O. Boldface limits apply at the temperature extremes. (Continued)
Open Loop Gain and Phase with Capacitive Load
Open Loop Gain and Phase with Resistive Load
20123126
20123127
Open Loop Gain and Phase with Capacitive Load
Open Loop Gain and Phase with Resistive Load
20123128
20123129
Open Loop Gain and Phase with Capacitive Load
Open Loop Gain and Phase with Resistive Load
20123130
20123131
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com