Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV951 Datasheet HTML 9Page - National Semiconductor (TI) LMV951 Datasheet HTML 10Page - National Semiconductor (TI) LMV951 Datasheet HTML 11Page - National Semiconductor (TI) LMV951 Datasheet HTML 12Page - National Semiconductor (TI) LMV951 Datasheet HTML 13Page - National Semiconductor (TI) LMV951 Datasheet HTML 14Page - National Semiconductor (TI) LMV951 Datasheet HTML 15Page - National Semiconductor (TI) LMV951 Datasheet HTML 16Page - National Semiconductor (TI) LMV951 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information
CIRCUIT DESCRIPTION AND ADVANTAGE OF THE
LMV951
The LMV951 utilizes an internal voltage generator which
allows for rail to rail input and output operation from 1 to 3V
supplies. An internal switching frequency between 10 MHz
and 15 MHz is used for generating the internal voltages.
The bipolar input stage provides rail to rail input operation
with no input bias current phase reversal and a constant
input offset voltage over the entire input common mode
range.
The CMOS output stage provides a gain that is virtually
independent of resistive loads and an output drive current in
excess of 35 mA at 1V. A further benefit of the output stage
is that the LMV951 is stable in positive unity gain at capaci-
tive loads in excess of 1000 pF.
Battery Operated Systems
The maximum operating voltage is 3V and the operating
characteristics are guaranteed down to 1V which makes the
LMV951 an excellent choice for battery operated systems
using one or two NiCd or NiMH cells. The LMV951 is also
functional at 0.9V making it an appropriate choice for a
single cell alkaline battery.
Shutdown Capability
While in shutdown mode, the LMV951 typically consumes
less than 50 nA of supply current making it ideal for power
conscious applications. Full functionality is restored within 3
µs of enable.
Small Size
The small footprint of the LMV951 package is ideal for high
density board systems. By using the small 6-Pin SOT23
package, the amplifier can be placed closer to the signal
source, reducing noise pickup and increasing signal integrity.
Power Supply Bypassing
As in any high performance IC, proper power supply bypass-
ing is necessary for optimizing the performance of the
LMV951. The internal voltage generator needs proper by-
passing for optimum operation. A surface mount ceramic .01
µF capacitor must be located as close as possible to the V
+
and V
− pins (pins 2 and 6). This capacitor needs to have low
ESR and a self resonant frequency above 15 MHz. A small
tantalum or electrolytic capacitor with a value between 1 µF
and 10 µF also needs to be located close to the LMV951.
DRIVING CAPACITIVE LOAD
The unity gain follower is the most sensitive op amp configu-
ration to capacitive loading; the LMV951 can drive up to
10,000 pF in this configuration without oscillation. If the
application requires a phase margin greater than those
shown in the datasheet graphs, a snubber network is rec-
ommended. The snubber offers the advantage of reducing
the output signal ringing while maintaining the output swing
which ensures a wider dynamic range; this is especially
important at lower supply voltages.
The chart below gives recommended values for some com-
mon values of large capacitors. For these values R
L =2k
Ω;
C
L
R
S
C
S
500 pF
330
Ω
6800 pF
680 pF
270
Ω
8200 pF
1000 pF
220
Ω
.015 µF
20123156
FIGURE 1. Snubber Network to Improve Phase Margin
20123160
FIGURE 2. 1000 pF and no Snubber
20123161
FIGURE 3. 1000 pF with Snubber
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com