Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV951 Datasheet HTML 8Page - National Semiconductor (TI) LMV951 Datasheet HTML 9Page - National Semiconductor (TI) LMV951 Datasheet HTML 10Page - National Semiconductor (TI) LMV951 Datasheet HTML 11Page - National Semiconductor (TI) LMV951 Datasheet HTML 12Page - National Semiconductor (TI) LMV951 Datasheet HTML 13Page - National Semiconductor (TI) LMV951 Datasheet HTML 14Page - National Semiconductor (TI) LMV951 Datasheet HTML 15Page - National Semiconductor (TI) LMV951 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified, all limits are guaranteed for T
A =
25˚C, V
+ = 1V, V− = 0V, V
CM =V
+/2=V
O. Boldface limits apply at the temperature extremes. (Continued)
Phase Margin vs. Capacitive Load (stability)
Phase Margin vs. Capacitive Load (stability)
20123138
20123139
Phase Margin vs. Capacitive Load (stability)
PSRR vs. Frequency
20123140
20123141
CMRR vs. Frequency
Input Referenced Voltage Noise vs. Frequency
20123142
20123143
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com