Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV951 Datasheet HTML 1Page - National Semiconductor (TI) LMV951 Datasheet HTML 2Page - National Semiconductor (TI) LMV951 Datasheet HTML 3Page - National Semiconductor (TI) LMV951 Datasheet HTML 4Page - National Semiconductor (TI) LMV951 Datasheet HTML 5Page - National Semiconductor (TI) LMV951 Datasheet HTML 6Page - National Semiconductor (TI) LMV951 Datasheet HTML 7Page - National Semiconductor (TI) LMV951 Datasheet HTML 8Page - National Semiconductor (TI) LMV951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits guaranteed for at T
A = 25˚C, V
+ =1,V− = 0V, V
CM = 0.5V, Shutdown = 0V, and
R
L =1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 6)
Max
(Note 5)
Units
GBWP
Gain Bandwidth Product
2.7
MHz
e
n
Input - Referred Voltage Noise
f = 1 kHz
25
nV/
i
n
Input-Referred Current Noise
f = 1 kHz
10
pA/
THD
Total Harmonic Distortion
f = 1 kHz, A
V =1,RL =1k
Ω
0.02
%
I
SD
Shutdown Pin Current
Active Mode, V
SD = 0V
.001
1
µA
Shutdown Mode, V
SD = 1V
.001
1
V
SD
Shutdown Pin Voltage Range
Active Mode
0
0.4
V
Shutdown Mode
0.6
1
1.8V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits guaranteed for at T
A = 25˚C, V
+ = 1.8V, V− = 0V, V
CM = 0.9V, Shutdown = 0V, and
R
L =1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 6)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
1.5
2.8
3.0
mV
TC V
OS
Input Offset Average Drift
0.15
µV/˚C
I
B
Input Bias Current
36
80
85
nA
I
OS
Input Offset Current
0.2
nA
CMRR
Common Mode Rejection
Ratio
0V
≤ V
CM
≤ 1.8V
82
80
93
dB
PSRR
Power Supply Rejection Ratio
1V
≤ V+ ≤ 1.8V, V
CM = 0.5V
70
67
92
dB
1V
≤ V+ ≤ 3V, V
CM = 0.5V
68
65
85
V
CM
Input Common-Mode Voltage
Range
CMRR
≥ 82 dB
−0.2
2
V
CMRR
≥ 80 dB
−0.2
2
A
V
Large Signal Voltage Gain
V
OUT = 0.2 to 1.6V
R
L = 600
Ω to 0.9V
86
83
110
dB
V
OUT = 0.2 to 1.6V
R
L =2k
Ω to 0.9V
86
83
116
V
OUT
Output Voltage Swing High
R
L = 600
Ω to 0.9V
50
60
33
mV from
rail
R
L =2k
Ω to 0.9V
25
34
13
Output Voltage Swing Low
R
L = 600
Ω to 0.9V
80
105
54
R
L =2k
Ω to 0.9V
35
44
17
I
OUT
Output Short Circuit Current
(Note 7)
Sourcing
V
O = 0V, VIN(DIFF) = ±0.2V
50
35
85
mA
Sinking
V
O = 1.8V, VIN(DIFF) = ±0.2V
45
25
80
I
S
Supply Current
Active Mode V
SD <0.5V
570
780
880
µA
Shutdown Mode V
SD >1.3V
0.3
2.2
10
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com