Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV951 Datasheet HTML 1Page - National Semiconductor (TI) LMV951 Datasheet HTML 2Page - National Semiconductor (TI) LMV951 Datasheet HTML 3Page - National Semiconductor (TI) LMV951 Datasheet HTML 4Page - National Semiconductor (TI) LMV951 Datasheet HTML 5Page - National Semiconductor (TI) LMV951 Datasheet HTML 6Page - National Semiconductor (TI) LMV951 Datasheet HTML 7Page - National Semiconductor (TI) LMV951 Datasheet HTML 8Page - National Semiconductor (TI) LMV951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1.8V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits guaranteed for at T
A = 25˚C, V
+ = 1.8V, V− = 0V, V
CM = 0.9V, Shutdown = 0V, and
R
L =1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 6)
Max
(Note 5)
Units
SR
Slew Rate
(Note 8)
1.4
V/µs
GBWP
Gain Bandwidth Product
2.8
MHz
e
n
Input - Referred Voltage Noise
f = 1 kHz
25
nV/
i
n
Input-Referred Current Noise
f = 1 kHz
10
pA/
THD
Total Harmonic Distortion
f = 1 kHz, A
V =1,RL =1k
Ω
0.02
%
I
SD
Shutdown Pin Current
Active Mode, V
SD = 0V
.001
1
µA
Shutdown Mode, V
SD = 1.8V
.001
1
V
SD
Shutdown Pin Voltage Range
Active Mode
0
0.5
V
Shutdown Mode
1.3
1.8
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)
Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD =TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly onto a PC Board.
Note 4: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions is very limited self-heating of the
device.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will
also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
Note 7: The short circuit test is a momentary test, the short circuit duration is 1.5 ms
Note 8: Number specified is the average of the positive and negative slew rates.
Connection Diagram
6-Pin SOT23
20123101
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
6-Pin SOT23
LMV951MK
AS3A
1k Units Tape and Reel
MK06A
LMV951MKX
3k Units Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com