Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV951 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV951
Description  1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV951 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV951 Datasheet HTML 1Page - National Semiconductor (TI) LMV951 Datasheet HTML 2Page - National Semiconductor (TI) LMV951 Datasheet HTML 3Page - National Semiconductor (TI) LMV951 Datasheet HTML 4Page - National Semiconductor (TI) LMV951 Datasheet HTML 5Page - National Semiconductor (TI) LMV951 Datasheet HTML 6Page - National Semiconductor (TI) LMV951 Datasheet HTML 7Page - National Semiconductor (TI) LMV951 Datasheet HTML 8Page - National Semiconductor (TI) LMV951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LMV951
1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with
Shutdown Option
General Description
The LMV951 amplifier is capable of operating at supply
voltages from 0.9V to 3V with guaranteed specs at 1V and
1.8V single supply.
The input common mode range extends to both power sup-
ply rails without the offset glitch and input bias current phase
reversal inherent to most rail to rail input amplifiers.
Contrary to a conventional rail to rail output amplifier the
LMV951 has a buffered output stage providing an open loop
gain which is relatively unaffected by resistive output load-
ing. At 1V supply voltage, the LMV951 is able to source and
sink in excess of 35 mA and offers a gain bandwidth product
of 2.7 MHz.
In shutdown mode the LMV951 consumes less than 50 nA of
supply current.
Features
(Typical 1.0V supply, unless otherwise noted)
n
Guaranteed 1V single supply operation
n
Wide bandwidth
n
No V
OS glitch over the input CMVR
n
No input I
BIAS current reversal over VCM range
n
Buffered output stage
n
High output drive capability
n
Output short circuit
— Sink current
35 mA
— Source current
45 mA
n
Rail-to-rail buffered output
— @ 600
Ω load
32 mV from either rail
— @ 2k
Ω load
12 mV from either rail
n
Temperature range
−40˚C to 125˚C
Applications
n
Battery operated systems
n
Battery monitoring
n
Supply current monitoring
Virtual Ground Circuit
Open Loop Gain and Phase
20123145
20123154
October 2006
© 2006 National Semiconductor Corporation
DS201231
www.national.com


Similar Part No. - LMV951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV951 TI1-LMV951 Datasheet
1Mb / 29P
1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
LMV951MK TI1-LMV951MK Datasheet
1Mb / 29P
1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
LMV951MK/NOPB TI1-LMV951MK/NOPB Datasheet
1Mb / 29P
1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
logo
National Semiconductor ...
LMV951MKNOPB NSC-LMV951MKNOPB Datasheet
1Mb / 24P
2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
LMV951MKX TI1-LMV951MKX Datasheet
1Mb / 29P
1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
More results

Similar Description - LMV951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
logo
National Semiconductor ...
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Texas Instruments
TLV2371-DIE TI-TLV2371-DIE Datasheet
70Kb / 5P
TLV2371-DIE Rail-to-Rail Input/Output Operational Amplifier with Shutdown
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com