Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8906 Datasheet HTML 1Page - Diodes Incorporated PAM8906 Datasheet HTML 2Page - Diodes Incorporated PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
4 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage
-0.3 to 6.0
V
VIH
High-Level Input Voltage
-0.3 to 6.0
V
VIL
Low-Level Input Voltage
-0.3 to 6.0
V
OUTP, OUTN, VOUT High Voltage Pins
-0.3 to 25
V
TA
Operating Free-Air Temperature Range
-40 to +125
°C
TJ
Operating Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
JA
MSOP-10
104
°C/W
Thermal Resistance (Junction to Case)
JC
MSOP-10
16
°C/W
Electrical Characteristics (@TA = +25°C, VIN = 3.0V, CPIEZO = 33nF, fDIN = 3.2kHz, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Supply Voltage
—
2.1
—
5.5
V
VOUT
Boost Output Voltage
Three Options
—
10/12/18
—
V
IDD1
Operating Current 1
CPIEZO = No Load, fDIN = 3.2kHz,
VOUT = 12V
—
1.3
—
mA
IDD2
Operating Current 2 (Note 4)
CPIEZO = 33nF, fDIN = 3.2kHz,
VOUT = 12V
—
27
—
mA
ISD
Shutdown Current
VDIN = 0V
—
0.01
1
µA
fDIN
Piezo Input Signal Frequency (Note 5)
—
0.2
—
10
kHz
CLoad
Max Piezo Loading
—
—
—
150
nF
fOSC
Boost Switching Frequency
—
—
1.8
—
MHz
IOCP
Cycle-by-Cycle Over Current Protection
—
—
1
—
A
RDS(ON)
Piezo Driver On-State Resistance
High Side, I = 100mA
—
7.5
—
Ω
Low Side, I = 100mA
—
3
—
Ω
tON
VOUT Start Delay Time
From DIN Signal High to 90% VOUT
Steady State
—
770
—
µs
tOFF
Shutdown Delay Time
From DIN = H- > L, VOUT to GND
—
100
—
ms
VIH
Control Terminal Voltage H
DIN Pin
1.5
—
VIN
V
VIL
Control Terminal Voltage L
DIN Pin
0
—
0.4
V
IIH
Control Terminal Current H
DIN = VIN
—
—
10
µA
IIL
Control Terminal Current L
DIN = 0
—
0.01
1
µA
OTP
Over Temperature Threshold
—
—
+150
—
°C
—
Over Temperature Protection Hysteresis
—
—
+30
—
°C
Notes:
4. Operating Current is a function of Piezo Load Capacitance and Input Frequency. With external Schottky diode, power dissipation can be reduced by 20%.
5. For Ultrasonic applications, the input frequency can be over 100kHz, but the Piezo Sounder capacitance
≤ 10nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com