Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated PAM8906 Datasheet HTML 10Page - Diodes Incorporated PAM8906 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
9 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Ordering Information
PAM8906 XXX XX - XX
Packing
Package
M10 : MSOP-10
13: 13'' Tape & Reel
Voltage
10: 10V Vout
12: 12V Vout
18: 18V Vout
Part Number
Package
Voltage
Identification Code
Packing
Qty.
Carrier
PAM8906M1010-13
MSOP-10
10V
8906-10
2,500
13
’’ Tape & Reel
PAM8906M1012-13
MSOP-10
12V
8906-12
2,500
13
’’ Tape & Reel
PAM8906M1018-13
MSOP-10
18V
8906-18
2,500
13
’’ Tape & Reel
Marking Information
8906- XX
( Top View )
Y W X
Logo
1
2
3
4
Y : Year : 0 to 9
X : Internal Code
a to z : 27 to 52 Week; z Represents
W : Week : A to Z : 1 to 26 Week;
52 and 53 Week
XX : Voltage : 10 for 10V
12 for 12V
18 for 18V
5
6
7
8
9
10
Identification Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com