Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PAM8906 Datasheet HTML 2Page - Diodes Incorporated PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated PAM8906 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
6 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Application Information
Overview
The PAM8906 is a piezo sounder driver with integrated boost converter. This versatile device is capable of driving piezo sounder for a variety of
applications, including smoke/gas alarm, air humidifier and haptic-feedback related applications. PAM8906 comes in three different Boost output
voltage versions: 10V, 12V, and 18V. A typical start-up time of 770µs makes the PAM8906 an ideal piezo driver with fast response. PAM8906 has
a built-in thermal overload protection, current limit and various other protection features to prevent the device from damage when overdriven.
LDO Regulator
The PAM8906 has a built-in internal LDO regulator to supply 5V to the internal boost and piezo driver blocks. It is recommended to add 1
μF
capacitor at pin 1 VCC (LDO).
VCC
LDO
1
µF
Piezo Driver
As illustrated below, PAM8906 has a built-in Piezo driver circuitry to enable easy system configuration for driving a two-terminal or three-terminal
piezo sounder with few external components. For three-terminal based piezo sounder configuration (supported only by 10V and 12V versions), the
external resistance might vary by piezo sounder manufacturer
’s suggestion. Please consult with Diodes Incorporated’s technical support team or
field representative for any further assistance, if necessary.
OUTP
OUTN
IN
Piezo Driver
FB
OUTP
OUTN
IN
M
F
G
150K
1nF
1.5M
Piezo Driver
DIN Control
DIN pin serves two functions:
1.
Automatic Wake-Up and Shutdown Control
When DIN is set above VIH or provided with a PWM input, PAM8906’s Boost and Piezo driver block will be enabled and the Boost output
will be ready in 770µs (Typ) followed by PWM output on OUTP and OUTN pins.
When DIN is set below VIL the piezo sounder driver will stop immediately.
When DIN is set below VIL for longer than 100ms (Typ), PAM8906’s Boost and Piezo driver will be disabled and the device automatically
enters shutdown mode. PAM8906
’s shutdown current is less than 1μA under this mode.
2.
External PWM Control
For external PWM configuration, DIN pin also serves as the PWM input pin. In this configuration, PWM input is amplified and driven to
OUTP and OUTN pins.
150k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com