Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated PAM8906 Datasheet HTML 10Page - Diodes Incorporated PAM8906 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
7 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Application Information (continued)
Boost Regulator
The PAM8906 boost regulator employs conventional current-mode control methodology with the following features:
Under-Voltage Lockout (UVLO): When the Boost power supply VIN drops below UVLO value (1.5V Typ), the Boost regulator will be switched
off.
Over Temperature Protection (OTP): When PAM8906 die temperature is higher than OTP threshold (+150°C Typ
), the Boost regulator will
be switched off. Hysteresis is set at +30°C.
VOUT Under-Voltage (UV) Protection: When the Boost regulator output voltage is lower than the pre-set threshold, it will trigger VOUT UV
protection, and the device will go to hiccup mode in order to reduce power supply current.
VOUT Over-Voltage (OV) Protection: When the Boost regulator output voltage is higher than the pre-set threshold, it will trigger VOUT OV
protection, and the device will switch off until VOUT OV condition is removed.
Soft-Start: The Boost regulator has a typical soft-start time of 770
μs. Soft-start helps to reduce in-rush currents and voltage over-shoot at
start-up.
Over Current Protection (OCP): The Boost regulator has a built-in cycle-by-cycle over-current protection.
PAM8906 has designed the boost regulator as current-mode controller with two control loops, which work together in maintaining a constant
output voltage and supply the required load current. The inner current control loop provides cycle-by-cycle current limiting, while the output control
loop provides output voltage control. When the boost converter turns on with the DIN input, the NMOS switch will turn on and the inductor current
ramps up to its peak value, approximately 1A nominally.
The current comparator turns off the NMOS switch for a fixed period of time to allow energy to be transferred to the output capacitor. When the
voltage on the output capacitor equals or exceeds the desired output voltage, the current loop will disable until the load discharges the output
capacitor to a voltage lower than the desired output voltage. Every time the output voltage falls below the desired value, the switching cycle starts
and continues until the desired value is reached. The constant switching resulting in the charging and discharging of the output capacitor causes a
ripple on the output voltage. The ripple on the output voltage depends on the external component parameters, such as the value of external
capacitor, its ESR etc.
In PAM8906, when logic high asserted on the DIN pin, the boost regulator will be enabled. However, the Piezo driver output cannot be enabled
until the output voltage reaches its nominal set point (total soft start time around 770
μs). This ensures the output voltage rises quickly to the
necessary drive voltage for the Piezo.
The boost regulator is optimized to work with the external components as shown in the Typical Application Circuits. It is crucial to select an
appropriate inductor value for the Boost converter to operate efficiently with the expected transient behavior and loop stability. Typical, an inductor
with saturation current rating of 2A is recommended.
The inductor selection for PAM8906 depends on the VIN value and the VOUT version chosen for a given application. Although minimum VIN is 2.1V,
if the input supply droops down to 1.8V, this can still be supported with a lower inductor value. Refer to the table below:
—
Recommend Inductor
VIN Min
L@VOUT = 10V
L@VOUT = 12V
L@VOUT = 18V
1.8V
0.47µH
0.22µH
0.22µH
2.1V
1.0µH
0.47µH
0.47µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com