Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8906 Datasheet HTML 1Page - Diodes Incorporated PAM8906 Datasheet HTML 2Page - Diodes Incorporated PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
2 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Typical Application Circuits
(I) External PWM Input:
VIN
GND
2.1V to 5.5V
PAM8906
BOOT SW
10µF
0.47µH
0.1µF
1µF
VCC
DIN
1µF
VOUT
FB
1µF
1
9
8
10
3
4
5
2
OUTP
OUTN
7
6
PWM input
Option
1A 20V
(II) Self-Excitation Mode for Applications like Smoke/Gas Alarms (10V and 12V Versions Only):
VIN
GND
2.1V to 5.5V
PAM8906
BOOT SW
10µF
0.47µH
0.1µF
1µF
VCC
DIN
1µF
VOUT
OFF
ON
FB
OUTP
OUTN
M
F
G
150K
1nF
1.5M
1µF
1
9
8
10
3
4
5
7
6
2
Option
1A 20V
(III) 9V Battery Alarms (Showing the 10V Version):
GND
PAM8906
1µF
VCC
DIN
1µF
VOUT
FB
1
9
8
5
2
OUTP
OUTN
7
6
PWM input
VIN
2.1V to 5.5V
BOOT SW
1µF
10
3
4
7V to 15V
VIN
GND
2.1V to 5.5V
PAM8906
BOOT SW
1µF
VCC
DIN
1µF
VOUT
OFF
ON
FB
OUTP
OUTN
M
F
G
150K
1nF
1.5M
1µF
1
9
8
10
3
4
5
7
6
2
7V to 15V
External PWM Drive
Self-Excitation Mode with DIN as High to Enable
150k
150k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com