Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8906 Datasheet HTML 1Page - Diodes Incorporated PAM8906 Datasheet HTML 2Page - Diodes Incorporated PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
3 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Pin Descriptions
Pin Number
Pin Name
I/O/P
Function
1
VCC
O
Internal LDO Output
2
GND
P
Ground
3
BOOT
P
Bootstrap Capacitor Connection
4
SW
I/O
Switch Pin of the Boost Converter. Connect to External Inductor
5
VOUT
O
Boost Output
6
OUTN
O
Negative Sounder Output
7
OUTP
O
Positive Sounder Output
8
FB
I
Feedback Pin for 3 Terminal Sounder. Connect to VOUT if Using 2 Terminal Sounder
9
DIN
I
PWM Signal Input
10
VIN
I
Battery Supply Input
Functional Block Diagram
VIN
Boost Converter
BOOT
SW
VCC
DIN
GND
VOUT
FB
OUTP
OUTN
LDO
VOUT
REF VREF
OSC
Level
Shift
Start/Stop
Detect
OTP
UVLO
Short Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com