Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8906
Description  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated PAM8906 Datasheet HTML 10Page - Diodes Incorporated PAM8906 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
8 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
Application Information (continued)
Capacitor Selection Guide
For external capacitors, use low ESR ceramic capacitors. It is strongly recommended to place them at the same layout layer as PAM8906.
Power Supply Decoupling Capacitor
– VIN (Pin 10)
Capacitor Value: 1
μF + 10μF
Voltage Rating: 3 x VIN
Capacitor Layout: place the 1
μF capacitor close to VIN (Pin 10), and 10μF close to the inductor
External LDO Capacitor
– VCC (Pin 1)
Capacitor Value: 1
μF
Voltage Rating: 16V
Capacitor Layout: place the capacitor close to VCC (Pin 1)
Bootstrap Capacitor
– BOOT (Pin 3)
Capacitor Value: 0.1
μF
Voltage Rating: 25V or higher
Capacitor Layout: place the capacitor close to BOOT (Pin 3)
Boost Output Capacitor
– VOUT (Pin 5)
Capacitor Value: 1
μF to 2.2μF, for smoke alarm application, if loading higher than 100nF, put a 10μF cap at the VOUT pin.
Voltage Rating: 3 x VOUT
Capacitor Layout: place the capacitor close to VOUT (Pin 5)
Schottky:
This is optional.
Place between SW and VOUT.
Schottky diode can help to reduce power consumption by approximately 20%.
Use a 20V Schottky with 1A or greater current rating.
GND Layout Guideline
The GND layout is very important for PAM8906 to operate under optimal conditions. Suggested ground layout is illustrated below. Please consult
with Diodes
Incorporated’s technical support team or field representative for any further assistance, if necessary.
Connect GND (Pin
2) to the bottom of IC, then expand to VCC/VIN/VOUT’s capacitor GND. Put more via on the other layer then connect to power
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com