Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 39Page - Renesas Technology Corp ICS1893AF Datasheet HTML 40Page - Renesas Technology Corp ICS1893AF Datasheet HTML 41Page - Renesas Technology Corp ICS1893AF Datasheet HTML 42Page - Renesas Technology Corp ICS1893AF Datasheet HTML 43Page - Renesas Technology Corp ICS1893AF Datasheet HTML 44Page - Renesas Technology Corp ICS1893AF Datasheet HTML 45Page - Renesas Technology Corp ICS1893AF Datasheet HTML 46Page - Renesas Technology Corp ICS1893AF Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 137 page
background image
Chapter 7
Functional Blocks
ICS1893AF, Rev. D 10/26/04
October, 2004
43
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
7.3.5
PCS Control Signal Generation
For the PCS sublayer, there are two control signals: a Carrier Sense signal (CRS) and a Collision Detect
signal (COL).
The CRS control signals is generated as follows:
1.
When a logic zero is detected in an idle bit stream, the Receive Functions examines the ensuing bits.
2.
When the Receive Functions find the first two non-contiguous zero bits, the Receive state machine
moves into the Carrier Detect state.
3.
As a result, the Boolean Receiving variable is set to TRUE.
4.
Consequently, the Carrier Sense state machine moves into the Carrier Sense ‘on’ state, which asserts
the CRS signal.
5.
If the PCS Functions:
a. Cannot confirm either the /I/J/ (IDLE, J) symbols or the /J/K/ symbols, the receive error signal
(RX_ER) is asserted, and the Receive state machine returns to the IDLE state. In IDLE, the
Boolean Receiving variable is set to FALSE, thereby causing the Carrier Sense state machine to
set the CRS signal to FALSE.
b. Can confirm the /I/J/K/ symbols, then the Receive state machine transitions to the ‘Receive’ state.
The COL control signal is generated by the transmit modules. For details, see Section 7.3.3.1, “PCS
Transmit Module”.
7.3.6
4B/5B Encoding/Decoding
The 4B/5B encoding methodology maps each 4-bit nibble to a 5-bit symbol (also called a “code group”).
There are 32 five-bit symbols, which include the following:
• Of the 32 five-bit symbols, 16 five-bit symbols are required to represent the 4-bit nibbles.
• The remaining 16 five-bit symbols are available for control functions. The IEEE Standard defines 6
symbols for control, and the remaining 10 symbols of this grouping are invalid. The 6 control symbols
include the following:
– /H/, which represents a Halt, also used to signify a Transmit Error
– /I/, which represents an IDLE
– /J/, which represents the first symbol of the Start-of-Stream Delimiter (SSD)
– /K/, which represents the second symbol of the Start-of-Stream Delimiter (SSD)
– /T/, which represents the first symbol of the End-of-Stream Delimiter (ESD)
– /R/, which represents the second symbol of the End-of-Stream Delimiter (ESD)
If the ICS1893AF PCS receives:
– One of the 10 undefined symbols, it sets its QuickPoll Detailed Status Register’s Invalid Symbol bit
(bit 17.7) to logic one.
– A Halt symbol, it sets the Halt Symbol Detected bit in its QuickPoll Detailed Status Register (bit 17.6)
to logic one.
Note:
An STA can force the ICS1893AF to transmit symbols that are typically classified as invalid, by
both (1) setting the Extended Control Register’s Transmit Invalid Codes bit (bit 16.2) to logic one
and (2) asserting the associated TXER signal. For more information, see Section 8.11.7, “Invalid
Error Code Test (bit 16.2)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com