Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 16Page - Renesas Technology Corp ICS1893AF Datasheet HTML 17Page - Renesas Technology Corp ICS1893AF Datasheet HTML 18Page - Renesas Technology Corp ICS1893AF Datasheet HTML 19Page - Renesas Technology Corp ICS1893AF Datasheet HTML 20Page - Renesas Technology Corp ICS1893AF Datasheet HTML 21Page - Renesas Technology Corp ICS1893AF Datasheet HTML 22Page - Renesas Technology Corp ICS1893AF Datasheet HTML 23Page - Renesas Technology Corp ICS1893AF Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
20
Chapter 5
Operating Modes Overview
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
5.1.2
Specific Reset Operations
This section discusses the following specific ways that the ICS1893AF can be reset:
• Hardware reset (using the RESETn pin)
• Power-on reset (applying power to the ICS1893AF)
• Software reset (using Control Register bit 0.15)
Note:
At the completion of a reset (either hardware, power-on, or software), the ICS1893AF sets all
registers to their default values.
5.1.2.1
Hardware Reset
Entering Hardware Reset
Holding the active-low RESETn pin low for a minimum of five REF_IN clock cycles initiates a hardware
reset (that is, the ICS1893AF enters the reset state). During reset, the ICS1893AF executes the steps
listed in Section 5.1.1.1, “Entering Reset”.
Exiting Hardware Reset
After the signal on the RESETn pin transitions from a low to a high state, the ICS1893AF completes in 640
ns (that is, in 16 REF_IN clocks) steps 1 through 5, listed in Section 5.1.1.2, “Exiting Reset”. After the first
five steps are completed, the Serial Management Port is ready for normal operations, but this action does
not signify the end of the reset cycle. The reset cycle completes when the transmit clock (TXCLK) and
receive clock (RXCLK) are available, which is typically 53 ms after the RESETn pin goes high. [For details
on this transition, see Section 10.5.16, “Reset: Hardware Reset and Power-Down”.]
Note:
1.
The MAC/Repeater Interface is not available for use until the TXCLK and RXCLK are valid.
2.
The Control Register bit 0.15 does not represent the status of a hardware reset. It is a self-clearing bit
that is used to initiate a software reset.
5.1.2.2
Power-On Reset
Entering Power-On Reset
When power is applied to the ICS1893AF, it waits until the potential between VDD and VSS achieves a
minimum voltage before entering reset and executing the steps listed in Section 5.1.1.1, “Entering Reset”.
After entering reset from a power-on condition, the ICS1893AF remains in reset for approximately 20
µs.
(For details on this transition, see Section 10.5.15, “Reset: Power-On Reset”.)
Exiting Power-On Reset
The ICS1893AF automatically exits reset and performs the same steps as for a hardware reset. (See
Section 5.1.1.2, “Exiting Reset”.)
Note:
The only difference between a hardware reset and a power-on reset is that during a power-on
reset, the ICS1893AF isolates its RESETn input pin. All other functionality is the same. As with a
hardware reset, Control Register bit 0.15 does not represent the status of a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com