Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 5Page - Renesas Technology Corp ICS1893AF Datasheet HTML 6Page - Renesas Technology Corp ICS1893AF Datasheet HTML 7Page - Renesas Technology Corp ICS1893AF Datasheet HTML 8Page - Renesas Technology Corp ICS1893AF Datasheet HTML 9Page - Renesas Technology Corp ICS1893AF Datasheet HTML 10Page - Renesas Technology Corp ICS1893AF Datasheet HTML 11Page - Renesas Technology Corp ICS1893AF Datasheet HTML 12Page - Renesas Technology Corp ICS1893AF Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
Revision History
ICS1893AF, Rev. D 10/26/04
October, 2004
9
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
Revision History
• The initial release of this document was dated 5 April 2002.
• This release of this document, Rev B, is dated 6 March 2003. The following list indicates where changes
occur.
– Table of Contents reflect page renumbering.
– Figure 6-3, “Crystal or Oscillator Operation”, corrected 33 pF to 33 Ohm in Oscillator operation.
– Section 7.5.5. “When the 10Base-T link is:, Invalid / Valid Smart Squelch function”. Changed each
“logic” number from zero to one, or the reverse.
– Table 8-10, changed “Decimal” revision number from 0 to 1.
– Table 8-11, deleted “Note 1” at foot of table. On bits 4.5 through 4.8, replaced “Note 1” notation in
“Access” column with R/W.
– Section 8.14. Deleted two paragraphs made redundant by change made to Table 8-21.
– Table 8-21, Bit 19.5, changed “Force LEDs On” to ”ICS Reserved”.
– Table 9-6, revised P3TD Pin 6 and P4RD Pin 8 Pin Description.
– Table 10-3, “Note” paragraph deleted.
– Figure 10-1, deleted capacitors across resistors 10TCSR and 100TCSR.
– Table 10-4, changed “Supply Current Power-Down” IDD from 40 to 4 (Typ) and from 50 to 5 (Max). In
addition, changed “Supply Current Reset” IDD from 50 to 10 (Typ) and from 60 to 11 (Max).
– Figure 12-1, “Package Type” added AFI = 48 Lead 300 mil. SSOP Industrial Temp.
• This release of this document, Rev. C, is dated 4 June 2003.
• This release of this document, Rev. D, is dated 25 October 2004. The following list indicates where
changes occur.
– Table 6-1, 25MHz Crystal Specification revised.
– Table 6-2, 25MHz Oscillator Specification revised.
– Section 6.5, Status Interface. First sentence in paragraph deleted. Reference deleted to Rev. C in
second sentence.
– Table 8-18, Bit 17.3 signal present / no signal present entries reversed. Corrected.
– Table 9-8, Pin RXD3 number “29” incorrect. Corrected.
– Table 10-6, Min and Max column entries incorrect. Corrected.
– Figure 12-1, “Odering Information” added part number ICS1893AFLF = 48 Lead 300 mil. SSOP Lead
Free Commercial Temperature package and part number ICS1893AFILF = 48 Lead 300 mil. SSOP
Lead Free Industrial Temperature package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com