Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 10Page - Renesas Technology Corp ICS1893AF Datasheet HTML 11Page - Renesas Technology Corp ICS1893AF Datasheet HTML 12Page - Renesas Technology Corp ICS1893AF Datasheet HTML 13Page - Renesas Technology Corp ICS1893AF Datasheet HTML 14Page - Renesas Technology Corp ICS1893AF Datasheet HTML 15Page - Renesas Technology Corp ICS1893AF Datasheet HTML 16Page - Renesas Technology Corp ICS1893AF Datasheet HTML 17Page - Renesas Technology Corp ICS1893AF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
14
Chapter 3
Typical ICS1893AF Applications
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 3
Typical ICS1893AF Applications
The ICS1893AF is configured for the majority of single Phy Ethernet applications. These applications
include Network Interface Cards, PC Motherboards, Printers, ACR Riser cards, Set top Boxes, and Game
machines.
Virtually any single Phy application utilizing the standard IEEE MII interface can use the ICS1893AF. The
ICS1893AF offers the same high performance at a lower cost.
3.1 The following bullet items describe ICS1893AF pin differences and how they affect
the application:
• The ICS1893AF is hardwired for the predominate board application used in the vast majority of single
Phy applications:
Table 3-1.
ICS1893AF / ICS1893Y-10 Feature Set Comparison Table
Feature
ICS1893AF
ICS1893Y-10
Comment
Package Type
SSOP 300mil
TQFP 10x10x1.0
Pin Count
48
64
NOD/REP
NOD/REP pin
removed tied internally
to VSS
NOD/REP
ICS1893AF configured in
NODE mode only.
HW/SW
MII/SI pin removed
tied internally to VDD
MII/SI
ICS1893AF configured in
software mode only.
MII/SI
SI/MII pin removed
tied internally to VSS
SI/MII
ICS1893AF supports only MII
interface to MAC.
10/100
10/100 pin is output
only
10/100
The 10/100 pin in software
mode is an output indicating
100M operation when high.
DPXSEL
DPXSEL pin removed
DPXSEL
FD/HD information is
available in the Quick Poll
Status Register Reg 17.
ANSEL
DPXSEL pin removed
ANSEL
ANSEL in software mode is
an output. This information is
available in control Reg 0,
Default setting is A-N
enabled.
LSTA
LSTA pin removed
LSTA
Link status available on P2LI
led
LOCK
LOCK pin removed
LOCK
Link status available on P2LI
led
TXER
TXER pin removed
tied internally to VSS
TXER
TXER function is still
available by using control
Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com