Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 48Page - Renesas Technology Corp ICS1893AF Datasheet HTML 49Page - Renesas Technology Corp ICS1893AF Datasheet HTML 50Page - Renesas Technology Corp ICS1893AF Datasheet HTML 51Page - Renesas Technology Corp ICS1893AF Datasheet HTML 52Page - Renesas Technology Corp ICS1893AF Datasheet HTML 53Page - Renesas Technology Corp ICS1893AF Datasheet HTML 54Page - Renesas Technology Corp ICS1893AF Datasheet HTML 55Page - Renesas Technology Corp ICS1893AF Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
52
Chapter 7
Functional Blocks
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
7.6
Functional Block: Management Interface
As part of the MAC/Repeater Interface, the ICS1893AF provides a two-wire serial management interface
which complies with the ISO/IEC 8802-3 standard MII Serial Management Interface. This interface is used
to exchange control, status, and configuration information between a Station Management entity (STA) and
the physical layer device (PHY). The PHY and STA exchange this data through a pre-defined set of
management registers. The ISO/IEC standard specifies the following components of this serial
management interface:
• A set of registers (Section 7.6.1, “Management Register Set Summary”)
• The frame structure (Section 7.6.2, “Management Frame Structure”)
• The protocol
In compliance with the ISO/IEC specification, the ICS1893AF implementation of the serial management
interface provides a bi-directional data pin (MDIO) along with a clock (MDC) for synchronizing the
exchange of data. These pins remain active in all ICS1893AF MAC/Repeater Interface modes (that is, the
10/100 MII, 100M Symbol, and 10M Serial interface modes).
7.6.1
Management Register Set Summary
The ICS1893AF implements a Management Register set that adheres to the ISO/IEC standard. This
register set (discussed in detail in Chapter 8, “Management Register Set”) includes the mandatory ‘Basic’
Control and Status registers and the ISO/IEC ‘Extended’ registers as well as some ICS-specific registers.
7.6.2
Management Frame Structure
The Serial Management Interface is a synchronous, bi-directional, two-wire, serial interface for the
exchange of configuration, control, and status data between a PHY, such as an ICS1893AF, and an STA.
All data transferred on an MDIO signal is synchronized by its MDC signal. The PHY and STA exchange
data through a pre-defined register set.
The ICS1893AF complies with the ISO/IEC defined Management Frame Structure and protocol. This
structure supports both read and write operations. Table 7-2 summarizes the Management Frame
Structure.
Note:
The Management Frame Structure starts from and returns to an IDLE condition. However, the IDLE
periods are not part of the Management Frame Structure.
Table 7-2.
Management Frame Structure Summary
Frame Field
Data
Comment
Acronym
Frame Function
PRE
Preamble (Bit 1.6)
11..11
32 ones
SFD
Start of Frame
01
2 bits
OP
Operation Code
10/01 (read/write)
2 bits
PHYAD
PHY Address (Bits 16.10:6)
AAAAA
5 bits
REGAD
Register Address
RRRRR
5 bits
TA
Turnaround
Z0/10 (read/write)
2 bits
DATA
Data
DDD..DD
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com