Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 21Page - Renesas Technology Corp ICS1893AF Datasheet HTML 22Page - Renesas Technology Corp ICS1893AF Datasheet HTML 23Page - Renesas Technology Corp ICS1893AF Datasheet HTML 24Page - Renesas Technology Corp ICS1893AF Datasheet HTML 25Page - Renesas Technology Corp ICS1893AF Datasheet HTML 26Page - Renesas Technology Corp ICS1893AF Datasheet HTML 27Page - Renesas Technology Corp ICS1893AF Datasheet HTML 28Page - Renesas Technology Corp ICS1893AF Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 137 page
background image
Chapter 6
Interface Overviews
ICS1893AF, Rev. D 10/26/04
October, 2004
25
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
6.1
MII Data Interface
The ICS1893AF’s MAC Interface is the Medium Independent Interface (MII) operating at either 10 Mbps or
100 Mbps. The ICS1893AF MAC/Repeater Interface is configured for the MII Data Interface mode, data is
transferred between the PHY and the MAC as framed, 4-bit parallel nibbles. In addition, the interface also
provides status and control signals to synchronize the transfers.
The ICS1893AF provides a full complement of the ISO/IEC-specified MII signals. Its MII has both a transmit
and a receive data path to synchronously exchange 4 bits of data (that is, nibbles).
• The ICS1893AF’s MII transmit data path includes the following:
– A data nibble, TXD[3:0]
– A transmit data clock to synchronize transfers, TXCLK
– A transmit enable signal, TXEN
– A transmit error signal, TXER
• The ICS1893AF’s MII receive data path includes the following:
– A separate data nibble, RXD[3:0]
– A receive data clock to synchronize transfers, RXCLK
– A receive data valid signal, RXDV
– A receive error signal, RXER
Both the MII transmit clock and the MII receive clock are provided to the MAC/Reconciliation sublayer by
the ICS1893AF (that is, the ICS1893AF sources the TXCLK and RXCLK signals to the MAC/repeater).
Clause 22 also defines as part of the MII a Carrier Sense signal (CRS) and a Collision Detect signal (COL).
The ICS1893AF is fully compliant with these definitions and sources both of these signals to the
MAC/repeater. When operating in:
• Half-duplex mode, the ICS1893AF asserts the Carrier Sense signal when data is being either transmitted
or received. While operating in half-duplex mode, the ICS1893AF also asserts its Collision Detect signal
to indicate that data is being received while a transmission is in progress.
• Full-duplex mode, the ICS1893AF asserts the Carrier Sense signal only when receiving data and forces
the Collision Detect signal to remain inactive.
As mentioned in Section 5.1.1.3, “Hot Insertion”, the ICS1893AF design allows hot insertion of its MII. That
is, it is possible to connect its MII to a MAC when power is already applied to the MAC. To support this
functionality, the ICS1893AF isolates its MII signals and tri-states the signals on all Twisted-Pair Transmit
pins (TP_TXP and TP_TXN) during a power-on reset. Upon completion of the reset process, the
ICS1893AF enables its MII and enables its Twisted-Pair Transmit signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com