Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 23Page - Renesas Technology Corp ICS1893AF Datasheet HTML 24Page - Renesas Technology Corp ICS1893AF Datasheet HTML 25Page - Renesas Technology Corp ICS1893AF Datasheet HTML 26Page - Renesas Technology Corp ICS1893AF Datasheet HTML 27Page - Renesas Technology Corp ICS1893AF Datasheet HTML 28Page - Renesas Technology Corp ICS1893AF Datasheet HTML 29Page - Renesas Technology Corp ICS1893AF Datasheet HTML 30Page - Renesas Technology Corp ICS1893AF Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 137 page
background image
Chapter 6
Interface Overviews
ICS1893AF, Rev. D 10/26/04
October, 2004
27
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
6.3.1
Twisted-Pair Transmitter Interface
The twisted-pair transmitter driver uses an H-bridge configuration. ICS suggests any of the following 1:1
10/100 Magnetics:
• Halo TG22S012ND
• Midcom 6120-37
Figure 6-1 shows the design for the ICS1893AF twisted-pair transmitter interface.
• Two 61.9
Ω 1% resistors are in series, with a 120-nH 5% inductor between them. These components
form a network that connects across both the transformer and the ICS1893AF TP_TXP and TP_TXN
pins.
• The ICS1893AF supplies the power to the transformer. (No VDD connection is required.)
• The ICS1893AF TP_CT pin is connected directly to the transformer transmit center tap connection and
is bypassed to ground with a 100-pF capacitor. The transformer center tap must not connect to the
resistor/inductor network.
Note:
1.
If the transmit transformer has a choke, it may be put on the chip side, the RJ-45 side, or both.
2.
Keep all TX traces as short as possible.
3.
When making board traces, 50
Ω-characteristic impedance is desirable.
Figure 6-1.
ICS1893AF Transmit Twisted Pair
ICS1893AF
61.9
Ω 1%
120 nH
61.9
Ω 1%
To RJ-45
1:1
System Ground Plane
Chassis Ground Plane
75
Ω
0.1
µF
Separate Ground Plane
Ideally, for these traces Zo = 50Ω.
Center
Tap
100 pF
TP_TXP 12
TP_TXN 13
TP_CT 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com