Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 110Page - Renesas Technology Corp ICS1893AF Datasheet HTML 111Page - Renesas Technology Corp ICS1893AF Datasheet HTML 112Page - Renesas Technology Corp ICS1893AF Datasheet HTML 113Page - Renesas Technology Corp ICS1893AF Datasheet HTML 114Page - Renesas Technology Corp ICS1893AF Datasheet HTML 115Page - Renesas Technology Corp ICS1893AF Datasheet HTML 116Page - Renesas Technology Corp ICS1893AF Datasheet HTML 117Page - Renesas Technology Corp ICS1893AF Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
114
Chapter 10
DC and AC Operating Conditions
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
10.5
Timing Diagrams
10.5.1
Timing for Clock Reference In (REF_IN) Pin
Table 10-8 lists the significant time periods for signals on the clock reference in (REF_IN) pin. Figure 10-2
shows the timing diagram for the time periods.
Note:
The REF_IN switching point is 50% of VDD.
Figure 10-2.
REF_IN Timing Diagram
Table 10-8.
REF_IN Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
REF_IN Duty Cycle
–
40
50
60
%
t2
REF_IN Period
–
–
40
–
ns
REF_IN
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com