Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 2 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 2 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Alternative wire construction:*
Inverted wires
Recommended applied current:1)
1 mA at 100 Ω
1)
Self-heating must be considered
0.5 mA at 500 Ω
0.3 mA at 1000 Ω
0.2 mA at 2000 Ω
Other alternatives:*
Housed in round ceramics (for dry environments only) - see
data sheet DTP_Round_Housing_E
Grouped and paired
Substrate thickness
* Customer-specific alternatives available
Order Information - 6W (Pt-cladded Ni-wire, Ø 0.2 mm)
Size
Dimensions
(L x W x H / H2; L
W in mm)
F0.1 (class Y)
F0.15 (class A)
F0.3 (class B)
Nominal resistance: 100 Ω at 0 °C
161
1.6 x 1.2 x 0.25 / 0.6; 7.0
P0K1.161.6W.Y.007
P0K1.161.6W.A.007
P0K1.161.6W.B.007
Order code
101371
100945
100946
Former order code
010.02938
010.02195
010.02196
161
1.6 x 1.2 x 0.25 / 0.6; 10.0
P0K1.161.6W.Y.010
P0K1.161.6W.A.010
P0K1.161.6W.B.010
Order code
100139
100138
100137
Former order code
010.00066
010.00064
010.00062
202
1.8 x 2.0 x 0.65 / 1.1; 7.0
Upon request
P0K1.202.6W.A.007
P0K1.202.6W.B.007
Order code
100870
100871
Former order code
010.02019
010.02020
202
1.8 x 2.0 x 0.65 / 1.1; 10.0
P0K1.202.6W.Y.010
P0K1.202.6W.A.010
P0K1.202.6W.B.010
Order code
100908
100876
100877
Former order code
010.02094
010.02033
010.02034
216
2.5 x 1.6 x 0.65 / 1.3; 7.0
P0K1.216.6W.Y.007
P0K1.216.6W.A.007
P0K1.216.6W.B.007
Order code
101401
100589
100599
Former order code
010.02977
010.01111
010.01129
216
2.5 x 1.6 x 0.65 / 1.3; 10.0
P0K1.216.6W.Y.010
P0K1.216.6W.A.010
P0K1.216.6W.B.010
Order code
100429
100414
100419
Former order code
010.00652
010.00620
010.00627
232
2.2 x 2.0 x 0.65 / 1.1; 7.0
P0K1.232.6W.Y.007
P0K1.232.6W.A.007
P0K1.232.6W.B.007
Order code
100579
100767
100544
Former order code
010.01089
010.01793
010.01006
232
2.2 x 2.0 x 0.65 / 1.1; 10.0
P0K1.232.6W.Y.010
P0K1.232.6W.A.010
P0K1.232.6W.B.010
Order code
100118
100117
100116
Former order code
010.00032
010.00030
010.00029
232
2.2 x 2.0 x 0.65 / 1.1; 20.0
P0K1.232.6W.Y.020
P0K1.232.6W.A.020
P0K1.232.6W.B.020
Order code
101357
101356
100875
Former order code
010.02910
010.02909
010.02027
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com