Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 6 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 6 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Order code
100766
100258
Former order code
010.01791
010.00239
Size
Dimensions
(L x W x H / H2; L
W in mm)
F0.1 (class Y)
F0.15 (class A)
F0.3 (class B)
308
3.0 x 0.8 x 0.25 / 0.6; 7.0
P1K0.308.7W.Y.007
P1K0.308.7W.A.007
P1K0.308.7W.B.007
Order code
100725
100514
100432
Former order code
010.01681
010.00955
010.00656
2)
Operating temperature range of -200 °C to +600 °C
Order Information - 6W (Pt-cladded Ni-wire, Ø 0.2 mm), D (substrate thickness, 0.4 mm)
Nominal resistance: 100 Ω at 0 °C
232
2.3 x 2.0 x 0.4 / 1.05; 10.0
Upon request
P0K1.232.6W.A.010.D P0K1.232.6W.B.010.D
Order code
100463
100462
Former order code
010.00731
010.00730
516
5.0 x 1.6 x 0.4 / 1.05; 10.0
Upon request
P0K1.516.6W.A.010.D P0K1.516.6W.B.010.D
Order code
100334
100333
Former order code
010.00394
010.00393
520
5.0 x 2.0 x 0.4 / 1.05; 10.0
Upon request
P0K1.520.6W.A.010.D P0K1.520.6W.B.010.D
Order code
100169
100167
Former order code
010.00105
010.00103
102
10.0 x 2.0 x 0.4 / 1.05; 10.0 Upon request
P0K1.102.6W.A.010.D P0K1.102.6W.B.010.D
Order code
100855
100337
Former order code
010.01992
010.00397
Nominal resistance: 1000 Ω at 0 °C
516
5.0 x 1.6 x 0.4 / 1.05; 10.0
P1K0.516.6W.Y.010.D
P1K0.516.6W.A.010.D P1K0.516.6W.B.010.D
Order code
100340
100442
100339
Former order code
010.00401
010.00675
010.00400
102
10.0 x 2.0 x 0.4 / 1.05; 10.0 Upon request
P1K0.102.6W.A.010.D P1K0.102.6W.B.010.D
Order code
100310
100309
Former order code
010.00313
010.00311
Order Information - 7W3) (Pt-wire, Ø 0.2 mm), D (substrate thickness, 0.4 mm)
Nominal resistance: 200 Ω at 0 °C
516
5.0 x 1.6 x 0.4 / 1.05; 7.0
Upon request
P0K2.516.7W.A.007.D P0K2.516.7W.B.007.D
Order code
150635
100880
Former order code
010.02023
010.02039
3)
Operating temperature range of -200 °C to +600 °C
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com