Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 3 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 3 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
516
5.0 x 1.6 x 0.65 / 1.3; 7.0
Upon request
P0K1.516.6W.A.007
P0K1.516.6W.B.007
Order code
100835
100836
Former order code
010.01942
010.01943
Size
Dimensions
(L x W x H / H2; L
W in mm)
F0.1 (class Y)
F0.15 (class A)
F0.3 (class B)
516
5.0 x 1.6 x 0.65 / 1.3; 10.0
P0K1.516.6W.Y.010
P0K1.516.6W.A.010
P0K1.516.6W.B.010
Order code
100148
100147
100146
Former order code
010.00084
010.00083
010.00082
520
5.0 x 2.0 x 0.65 / 1.3; 10.0
P0K1.520.6W.Y.010
P0K1.520.6W.A.010
P0K1.520.6W.B.010
Order code
100165
100163
100162
Former order code
010.00101
010.00099
010.00098
538
5.0 x 3.8 x 0.65 / 1.3; 10.0
Upon request
P0K1.538.6W.A.010
P0K1.538.6W.B.010
Order code
100785
100541
Former order code
010.01826
010.01001
102
10.0 x 2.0 x 0.65 / 1.3; 10.0 P0K1.102.6W.Y.010
P0K1.102.6W.A.010
P0K1.102.6W.B.010
Order code
100202
100201
100200
Former order code
010.00154
010.00153
010.00152
Nominal resistance: 500 Ω at 0 °C
161
1.6 x 1.2 x 0.25 / 0.6; 10.0
P0K5.161.6W.Y.010
P0K5.161.6W.A.010
P0K5.161.6W.B.010
Order code
100219
100218
100217
Former order code
010.00182
010.00181
010.00180
202
1.8 x 2.0 x 0.65 / 1.1; 7.0
Upon request
Upon request
P0K5.202.6W.B.007
Order code
101108
Former order code
010.02516
232
2.2 x 2.0 x 0.65 / 1.1; 10.0
P0K5.232.6W.Y.010
P0K5.232.6W.A.010
P0K5.232.6W.B.010
Order code
100223
100222
100221
Former order code
010.00187
010.00186
010.00185
516
5.0 x 1.6 x 0.65 / 1.3; 10.0
P0K5.516.6W.Y.010
P0K5.516.6W.A.010
P0K5.516.6W.B.010
Order code
100229
100228
100227
Former order code
010.00193
010.00192
010.00191
520
5.0 x 2.0 x 0.65 / 1.3; 10.0
P0K5.520.6W.Y.010
P0K5.520.6W.A.010
P0K5.520.6W.B.010
Order code
100235
100234
100233
Former order code
010.00199
010.00198
010.00197
102
10.0 x 2.0 x 0.65 / 1.3; 10.0 Upon request
P0K5.102.6W.A.010
P0K5.102.6W.B.010
Order code
100238
100237
Former order code
010.00205
010.00204
Nominal resistance: 1000 Ω at 0 °C
161
1.6 x 1.2 x 0.25 / 0.6; 10.0
P1K0.161.6W.Y.010
P1K0.161.6W.A.010
P1K0.161.6W.B.010
Order code
100247
100246
100245
Former order code
010.00222
010.00221
010.00220
202
1.8 x 2.0 x 0.65 / 1.1; 7.0
Upon request
P1K0.202.6W.A.007
P1K0.202.6W.B.007
Order code
100963
100972
Former order code
010.02232
010.02250
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com