Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 5 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 5 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
520
5.0 x 2.0 x 0.65 / 1.3; 10.0
Upon request
Upon request
P2K0.520.6W.B.010
Order code
100322
Former order code
010.00335
Order Information - 6W (Pt/Ni-wire, Ø 0.2 mm, 10 mm long, bent 90°),
inverted wires
Size
Dimensions
(L x W x H / H2; L
W in mm)
F0.1 (class Y)
F0.15 (class A)
F0.3 (class B)
Nominal resistance: 100 Ω at 0 °C
232
2.3 x 2 x 1.1
P0K1.232.6W.A.010.U.S
P0K1.232.6W.B.010.U.S
Order code
101143
100975
Former order code
010.02583
010.02254
Order Information - PU (TCR = 3750 ppm/K)
Nominal resistance: 1000 Ω at 0 °C
232
2.2 x 2.0 x 0.65 / 1.1; 10.0
Upon request
Upon request
PU1K0.232.6W.B.010
Order code
100260
Former order code
010.00244
Order Information - 7W2) (Pt-wire, Ø 0.2 mm, (161) (232) (520) / Ø 0.15 mm (308))
Nominal resistance: 100 Ω at 0 °C
161
1.6 x 1.2 x 0.25 / 0.6; 10.0
Upon request
P0K1.161.7W.A.010
P0K1.161.7W.B.010
Order code
100465
100446
Former order code
010.00738
010.00687
232
2.3 x 2.0 x 0.65 / 1.3; 10.0
P0K1.232.7W.Y.010
P0K1.232.7W.A.010
P0K1.232.7W.B.010
Order code
100895
100511
100341
Former order code
010.02074
010.00952
010.00402
308
3.0 x 0.8 x 0.25 / 0.6; 7.0
P0K1.308.7W.Y.007
P0K1.308.7W.A.007
P0K1.308.7W.B.007
Order code
100561
100537
100538
Former order code
010.01037
010.00996
010.00997
520
5.0 x 2.0 x 0.65 / 1.3; 10.0
Upon request
P0K1.520.7W.A.010
P0K1.520.7W.B.010
Order code
100170
Former order code
010.00107
010.00106
Nominal resistance: 1000 Ω at 0 °C
161
1.6 x 1.2 x 0.25 / 0.6; 7.0
Upon request
P1K0.161.7W.A.007
P1K0.161.7W.B.007
Order code
101114
101115
Former order code
010.02530
010.02531
161
1.6 x 1.2 x 0.25 / 0.6; 10.0
Upon request
P1K0.161.7W.A.010
P1K0.161.7W.B.010
Order code
100757
100759
Former order code
010.01760
010.01766
232
2.3 x 2.0 x 0.65 / 1.3; 10.0
Upon request
P1K0.232.7W.A.010
P1K0.232.7W.B.010
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com