Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 4 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 4 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
202
1.8 x 2.0 x 0.65 / 1.1; 10.0
Upon request
P1K0.202.6W.A.010
P1K0.202.6W.B.010
Order code
100896
100897
Former order code
010.02078
010.02079
Size
Dimensions
(L x W x H / H2; L
W in mm)
F0.1 (class Y)
F0.15 (class A)
F0.3 (class B)
216
2.5 x 1.6 x 0.65 / 1.3; 10.0
P1K0.216.6W.Y.010
P1K0.216.6W.A.010
P1K0.216.6W.B.010
Order code
101042
100588
100552
Former order code
010.02391
010.01109
010.01018
232
2.2 x 2.0 x 0.65 / 1.1; 7.0
P1K0.232.6W.Y.007
P1K0.232.6W.A.007
P1K0.232.6W.B.007
Order code
100545
100830
100546
Former order code
010.01007
010.01937
010.01008
232
2.2 x 2.0 x 0.65 / 1.1; 10.0
P1K0.232.6W.Y.010
P1K0.232.6W.A.010
P1K0.232.6W.B.010
Order code
100257
100256
100255
Former order code
010.00238
010.00237
010.00236
232
2.2 x 2.0 x 0.65/1.1; 20.0
Upon request
P1K0.232.6W.A.020
P1K0.232.6W.B.020
Order code
151322
100550
Former order code
n/a
010.01013
420
4.0 x 2.0 x 0.65 / 1.3; 7.0
Upon request
P1K0.420.6W.A.007
P1K0.420.6W.B.007
Order code
101077
101093
Former order code
010.02464
010.02488
420
4.0 x 2.0 x 0.65 / 1.3; 10.0
Upon request
P1K0.420.6W.A.010
P1K0.420.6W.B.010
Order code
101288
101129
Former order code
010.02813
010.02554
505
5.0 x 5.0 x 0.65 / 1.3; 10.0
Upon request
Upon request
P1K0.505.6W.B.010
Order code
101208
Former order code
010.02686
516
5.0 x 1.6 x 0.65 / 1.3; 7.0
Upon request
P1K0.516.6W.A.007
P1K0.516.6W.B.007
Order code
100828
100829
Former order code
010.01934
010.01935
516
5.0 x 1.6 x 0.65 / 1.3; 10.0
P1K0.516.6W.Y.010
P1K0.516.6W.A.010
P1K0.516.6W.B.010
Order code
100270
100269
100268
Former order code
010.00260
010.00258
010.00257
520
5.0 x 2.0 x 0.65 / 1.3; 10.0
P1K0.520.6W.Y.010
P1K0.520.6W.A.010
P1K0.520.6W.B.010
Order code
100287
100285
100284
Former order code
010.00282
010.00280
010.00279
538
5.0 x 3.8 x 0.65 / 1.3; 10.0
Upon request
Upon request
P1K0.538.6W.B.010
Order code
100336
Former order code
010.00396
102
10.0 x 2.0 x 0.65 / 1.3; 7.0
Upon request
Upon request
P1K0.102.6W.B.007
Order code
100474
Former order code
010.00754
102
10.0 x 2.0 x 0.65 / 1.3; 10.0 P1K0.102.6W.Y.010
P1K0.102.6W.A.010
P1K0.102.6W.B.010
Order code
100308
100473
100307
Former order code
010.00309
010.00753
010.00306
Nominal resistance: 2000 Ω at 0 °C
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com