Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 8 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 8 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Material
P = Platinum
TCR
= Pt 3850 ppm/K
G
=
Pt 3911 ppm/K
U = Pt 3750 ppm/K
W
=
Pt 3850 ppm/K (extended operating temperature range in class A)
Resistance in Ω at 0 °C
Size in mm
Operating temperature range
1 = -50 °C to +150 °C
6
= -200 °C to +600 °C
2 = -50 °C to +200 °C
7
= -200 °C to +750 °C
3 = -200 °C to +300 °C
8
= -200 °C to +850 °C
4 = -200 °C to +400 °C
10
= -70 °C to +1000 °C
Connection
S
= SIL
FK
= flat wire customer-specific
I
= insulated wire
SW = perpendicular wire
K
= customer-specific
L
= insulate stranded wire
W
= wire
E
= enameled Cu-wire
FW = flat wire
Tolerance class
A
= IEC 60751 F0.15
K
= customer-specific
B
= IEC 60751 F0.3
P
= pair
C
= IEC 60751 F0.6
G = group
Y
= IEC 60751 F0.1
Wire length in mm
Special
T
= substrate thickness 0.25 mm M = metallized backside
D
= substrate thickness 0.38 mm U = inverted welding
R
= round housing
S
= special
W = sintered powder
P
0K1. 520.
6
W.
A. 007. D
Order Information
Platinum Sensor
Secondary reference
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
8/8
Innovative Sensor Technology IST AG, Stegrütistrasse 14, 9642 Ebnat-Kappel, Switzerland
Phone: +41 71 992 01 00 | Fax: +41 71 992 01 99 | Email: info@ist-ag.com | www.ist-ag.com
All mechanical dimensions are valid at 25 °C ambient temperature, if not differently indicated • All data except the mechanical dimensions only have information purposes and are not to be understood as assured characteristics • Technical
changes without previous announcement as well as mistakes reserved • The information on this data sheet was examined carefully and will be accepted as correct; No liability in case of mistakes • Load with extreme values during a longer
period can affect the reliability • The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner • Typing errors and mistakes reserved • Product
specifications are subject to change without notice • All rights reserved



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com