Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP600_E2 Datasheet(PDF) 7 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 7 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Size
Dimensions
(L x W x H / H2; L
W in mm)
F0.1 (class Y)
F0.15 (class A)
F0.3 (class B)
Order Information - 7W4) (Pt-wire, Ø 0.15 mm)
Size
Dimensions
(L x W x H / H2; L
W in mm)
1/10 F0.3 (class K)5)
Nominal resistance: 100 Ω at 0 °C
308
3.0 x 0.8 x 0.25 / 0.6; 7.0
P0K1.308.7W.K.007
Order code
100969
Former order code
010.02243
4)
Operating temperature range of -200 °C to +600 °C
5)
1/10 IEC 60751 in the range of +15 °C to +35 °C
Order Information - 6W (Pt-cladded Ni-wire, Ø 0.2 mm), T (substrate thickness, 0.25 mm)
Nominal resistance: 100 Ω at 0 °C
232
2.3 x 2.0 x 0.25 / 0.9; 10.0
P0K1.232.6W.Y.010.T
P0K1.232.6W.A.010.T
P0K1.232.6W.B.010.T
Order code
100121
100120
100119
Former order code
010.00035
010.00034
010.00033
516
5.0 x 1.6 x 0.25 / 0.9; 10.0
Upon request
P0K1.516.6W.A.010.T P0K1.516.6W.B.010.T
Order code
100150
100149
Former order code
010.00086
010.00085
520
5.0 x 2.0 x 0.4 / 1.05; 10.0
Upon request
Upon request
P0K1.520.6W.B.010.T
Order code
100166
Former order code
010.00102
Nominal resistance: 1000 Ω at 0 °C
232
2.3 x 2.0 x 0.25 / 0.9; 7.0
Upon request
P1K0.232.6W.A.007.T P1K0.232.6W.B.007.T
Former order code
010.03211
010.03204
Additional Documents
Document name:
Application Note:
ATP_E
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com